Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 21 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 21 Page - EPCOS

Back Button B43713 Datasheet HTML 17Page - EPCOS B43713 Datasheet HTML 18Page - EPCOS B43713 Datasheet HTML 19Page - EPCOS B43713 Datasheet HTML 20Page - EPCOS B43713 Datasheet HTML 21Page - EPCOS B43713 Datasheet HTML 22Page - EPCOS B43713 Datasheet HTML 23Page - EPCOS B43713 Datasheet HTML 24Page - EPCOS B43713 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Capacitors with screw terminals
accessories
Basic accessories
One packing unit contains accessories for 16 capacitors.
For terminals
Thread
d1
d2
mm
Toothed
washers
Screws
Maximum
torque
Ordering code
M5
5.3 A 5.1 DIN 6797 DIN 7985 /
ISO 7045-M5 x 10-5.6-Z
l=10mm
2.5 Nm
thread depth
t
≥ 8mm
B44020J0500B000
M6
6.4 A 6.4 DIN 6797 DIN 7985 /
ISO 7045-M6 x 12-5.6-Z
l=12mm
4.0 Nm
thread depth
t
≥ 9.5 mm
B44020J0600B000
For threaded stud
Thread For
terminal
Toothed
washers
Nuts
Maximum
torque
Ordering code
M12
M5
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
10 Nm
B44020J0500B012
M12
M6
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
10 Nm
B44020J0600B012
B43713, B43733
Very long useful life
85
°C
Page 21 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com