Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 11 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 11 Page - EPCOS

Back Button B43713 Datasheet HTML 7Page - EPCOS B43713 Datasheet HTML 8Page - EPCOS B43713 Datasheet HTML 9Page - EPCOS B43713 Datasheet HTML 10Page - EPCOS B43713 Datasheet HTML 11Page - EPCOS B43713 Datasheet HTML 12Page - EPCOS B43713 Datasheet HTML 13Page - EPCOS B43713 Datasheet HTML 14Page - EPCOS B43713 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
1 = for capacitors with ring clip/clamp mounting
3 = for capacitors with threaded stud
00 = standard
07 = heat sink mounting
08 = insulated base
50 = PAPR terminal style
57 = PAPR with heat sink mounting
58 = PAPR with insulated base
For details refer to "Design options" on page 17.
VR =450VDC
1000
51.6
× 80.7
120
28
190
9.62
5.29
B437*3A5108M6##
1200
51.6
× 96.7
100
24
160
10.8
5.99
B437*3A5128M6##
1500
51.6
× 105.7
80
20
130
12.6
6.95
B437*3A5158M6##
1500
64.3
× 80.7
80
19
130
13.1
7.20
B437*3B5158M6##
1800
51.6
× 130.7
65
16
110
14.4
7.95
B437*3A5188M6##
1800
64.3
× 96.7
65
16
110
14.7
8.10
B437*3B5188M6##
2200
64.3
× 105.7
55
14
85
16.7
9.20
B437*3A5228M6##
2700
64.3
× 118.2
45
11
70
19.1
10.5
B437*3A5278M6##
2700
76.9
× 96.7
45
11
70
20.8
11.4
B437*3B5278M6##
3300
64.3
× 143.2
36
9.3
60
21.9
12.0
B437*3A5338M6##
3300
76.9
× 105.7
36
9.0
60
23.5
12.9
B437*3B5338M6##
3900
76.9
× 118.2
30
7.7
50
26.1
14.3
B437*3A5398M6##
4700
76.9
× 143.2
26
6.4
40
29.4
16.2
B437*3A5478M6##
4700
90.0
× 120.0
26
6.2
40
31.4
17.6
B437*3B5478M6##
5600
76.9
× 156.2
22
5.5
34
33.1
18.2
B437*3A5568M6##
5600
90.0
× 144.5
22
5.2
34
34.6
19.5
B437*3B5568M6##
6800
76.9
× 190.7
18
4.6
28
37.8
21.3
B437*3A5688M6##
6800
90.0
× 170.0
17
4.4
28
39.0
22.0
B437*3B5688M6##
8200
76.9
× 220.7
15
3.9
24
43.2
24.4
B437*3A5828M6##
8200
90.0
× 170.0
15
3.8
24
44.4
25.0
B437*3B5828M6##
10000
90.0
× 221.0
12
3.1
20
50.2
28.3
B437*3A5109M6##
B43713, B43733
Very long useful life
85
°C
Page 11 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com