Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 27 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 27 Page - EPCOS

Back Button B43713 Datasheet HTML 23Page - EPCOS B43713 Datasheet HTML 24Page - EPCOS B43713 Datasheet HTML 25Page - EPCOS B43713 Datasheet HTML 26Page - EPCOS B43713 Datasheet HTML 27Page - EPCOS B43713 Datasheet HTML 28Page - EPCOS B43713 Datasheet HTML 29Page - EPCOS B43713 Datasheet HTML 30Page - EPCOS B43713 Datasheet HTML 31Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Mounting set (ring clamps)
Protects the capacitor against tilt and the
terminals from mechanical stress
Fits for different capacitor length
Electrically insulated clamping material
Dimensions and ordering codes
Capacitor
diameter d
∅
min
Ordering code
76.9 mm
84 mm
B44030A0375B000
90.0 mm
96.5 mm
B44030A0390B000
Dimensional drawing
B43713, B43733
Very long useful life
85
°C
Page 27 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com