Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS-4RM Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 92Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 93Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 94Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 95Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 96Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 97Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 98Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 99Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-13
V2.0, 2000-07
Byte/Word Transfer bit BWT controls, if a byte or a word is moved during a PEC
service cycle. This selection controls the transferred data size and the increment step for
the modified pointer.
Increment Control field INC controls, if one of the PEC pointers is incremented after
the PEC transfer. It is not possible to increment both pointers, however. If the pointers
are not modified (INC = ‘00’), the respective channel will always move data from the
same source to the same destination.
Note: The reserved combination ‘11’ is changed to ‘10’ by hardware. However, it is not
recommended to use this combination.
The PEC Transfer Count Field COUNT controls the action of a respective PEC channel,
where the content of bit field COUNT at the time the request is activated selects the
action. COUNT may allow a specified number of PEC transfers, unlimited transfers or
no PEC service at all.
Table 5-5 summarizes, how the COUNT field itself, the interrupt requests flag IR and the
PEC channel action depends on the previous content of COUNT.
The PEC transfer counter allows to service a specified number of requests by the
respective PEC channel, and then (when COUNT reaches 00H) activate the interrupt
service routine, which is associated with the priority level. After each PEC transfer the
COUNT field is decremented and the request flag is cleared to indicate that the request
has been serviced.
Table 5-5
Influence of Bitfield COUNT
Previous
COUNT
Modified
COUNT
IR after PEC
Service
Action of PEC Channel
and Comments
FFH
FFH
‘0’
Move a Byte/Word
Continuous transfer mode, i.e. COUNT is not
modified.
FEH … 02H FDH … 01H ‘0’
Move a Byte/Word and decrement COUNT
01H
00H
‘1’
Move a Byte/Word
Leave request flag set, which triggers
another request.
00H
00H
(‘1’)
No action!
Activate interrupt service routine rather than
PEC channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com