| Electronic Components Datasheet Search |
|
C167CS-4RM Datasheet(PDF) 97 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS-4RM Datasheet(HTML) 97 Page - Infineon Technologies AG |
|
97 / 517 page ![]() C167CS Derivatives Interrupt and Trap Functions User’s Manual 5-14 V2.0, 2000-07 Continuous transfers are selected by the value FFH in bit field COUNT. In this case COUNT is not modified and the respective PEC channel services any request until it is disabled again. When COUNT is decremented from 01H to 00H after a transfer, the request flag is not cleared, which generates another request from the same source. When COUNT already contains the value 00H, the respective PEC channel remains idle and the associated interrupt service routine is activated instead. This allows to choose, if a level 15 or 14 request is to be serviced by the PEC or by the interrupt service routine. Note: PEC transfers are only executed, if their priority level is higher than the CPU level, i.e. only PEC channels 7 … 4 are processed, while the CPU executes on level 14. All interrupt request sources that are enabled and programmed for PEC service should use different channels. Otherwise only one transfer will be performed for all simultaneous requests. When COUNT is decremented to 00H, and the CPU is to be interrupted, an incorrect interrupt vector will be generated. The source and destination pointers specifiy the locations between which the data is to be moved. A pair of pointers (SRCPx and DSTPx) is associated with each of the 8 PEC channels. These pointers do not reside in specific SFRs, but are mapped into the internal RAM of the C167CS just below the bit-addressable area (see Figure 5-2). Figure 5-2 Mapping of PEC Pointers into the Internal RAM MCA04331 DSTP7 SRCP7 DSTP6 SRCP6 DSTP5 SRCP5 DSTP4 SRCP4 00’FCFE H 00’FCFC H 00’FCFA H 00’FCF8 H 00’FCF6 H 00’FCF4 H 00’FCF2 H 00’FCF0 H DSTP3 SRCP3 DSTP2 SRCP2 DSTP1 SRCP1 DSTP0 SRCP0 00’FCEE H 00’FCEC H 00’FCEA H 00’FCE8 H 00’FCE6 H 00’FCE4 H 00’FCE2 H 00’FCE0 H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |