Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE-LL-I Datasheet(PDF) 71 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 67Page - STMicroelectronics SABRE-LL-I Datasheet HTML 68Page - STMicroelectronics SABRE-LL-I Datasheet HTML 69Page - STMicroelectronics SABRE-LL-I Datasheet HTML 70Page - STMicroelectronics SABRE-LL-I Datasheet HTML 71Page - STMicroelectronics SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics SABRE-LL-I Datasheet HTML 74Page - STMicroelectronics SABRE-LL-I Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
SABRE-LL-I
Power bridges
71/141
Simple buck regulator application
The battery charge loop control can be used to implement a buck type switching regulator.
The regulated output voltage will be externally set by a resistor divider network connected to
VREF_FB pin, as already described in voltage regulation section, and the current protection
will be the one implemented internally in the Bridge4 section.
Figure 21.
Simple buck regulator
When this control loop is intended to be used as a simple buck regulator, the proper
Aux3BatteryCharge bit must be written in the Aux3SwCfg1 register.
The regulator will also implement a soft start strategy.
When S.A.B.Re “Low Power mode” is enabled this regulator will be disabled.
Here after are summarized the primary features of the regulator:
–
Internal power switch.
–
Nonlinear pulse skipping control.
–
Internally generated PWM (250 KHz switching frequency).
–
Cycle by cycle current limiting using internal current sensor/ external current
sense differential amplifier.
–
Protected against load short circuit.
–
Soft start circuitry to limit inrush current flow from primary supply.
–
Under voltage signal (both continuous and latched) accessible through SPI.
–
Over temperature protection.
IREF_FB
VREF_FB
SABRE
COMP_I
COMP_V
PULSE SKIPPING
BURST
CONTROL LOGIC
PEAK CURRENT
MODE CONTROL
LOGIC
BRIDGE 4
PARALLELED
POWER
STAGE
SelFBRef<1:0>
DC4_plus
DC4_minus
SelCurrRef<1:0>
TO
LOAD
FBRef
CurrRef
Ilimit
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com