Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE-LL-I Datasheet(PDF) 81 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 77Page - STMicroelectronics SABRE-LL-I Datasheet HTML 78Page - STMicroelectronics SABRE-LL-I Datasheet HTML 79Page - STMicroelectronics SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics SABRE-LL-I Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 141 page
background image
SABRE-LL-I
Current DAC circuit
81/141
same register being DacValue[0] the least significant bit and DacValue[5] the most
significant bit.
The current DAC has three possible current ranges that can be selected using the
DacRange[1:0] bits in the CurrDacCtrl register . The DAC range selection table is shown
here below:
By changing LSB current value, all steps will change following this relation:
Istep(N) = N * ILSB
where N is the value of DacValue[5:0] bits.
Table 58.
Current DAC truth
DacRange[1]
DacRange[0]
LSB typical current
ILSB typ
Full scale typical
current IFULL typ
0
0
Disabled
Disabled
0
1
10 µA
0.63 mA
1
0
100 µA
6.3 mA
11
1 mA
63 mA
Table 59.
Current DAC specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
VR
Pin voltage operative range
(1)
1.
All parameters are guaranteed in the range between VOL and VR Max.
0.7
5.5
V
IOUT_OFF
Output off leakage current
DacValue[5:0] = 000000
-1
+1
µA
IFULL_ERR_01 Full scale current error
DacRange[1:0] =01
DacValue[5:0] = 111111
-10
10
% of
IFULL typ
IFULL_ERR_10 Full scale current error
DacRange[1:0] =10
DacValue[5:0] = 111111
-13
13
% of
IFULL typ
IFULL_ERR_11 Full scale current error
DacRange[1:0] =11
DacValue[5:0] = 111111
-12
12
% of
IFULL typ
INL10_11
Integral non-linearity for 10
and 11 ranges
±2
LSB
DNL10_11
Differential non-linearity for
10 and 11 ranges
±2
LSB
INL01
Integral non-linearity for 01
range
±1
LSB
DNL01
Differential non-linearity for
01 range
±1
LSB
RCurrDac_res
Gpio[8] divider total
resistance
-25%
45
+25%
k
Ω
RCurrDac_ratio Gpio[8] divider ratio
-2.5%
3/5
+2.5%
tset
Settling time
(2)
2.
Measured from DacValue[5:0] change in SPI interface.
5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com