Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE-LL-I Datasheet(PDF) 96 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 92Page - STMicroelectronics SABRE-LL-I Datasheet HTML 93Page - STMicroelectronics SABRE-LL-I Datasheet HTML 94Page - STMicroelectronics SABRE-LL-I Datasheet HTML 95Page - STMicroelectronics SABRE-LL-I Datasheet HTML 96Page - STMicroelectronics SABRE-LL-I Datasheet HTML 97Page - STMicroelectronics SABRE-LL-I Datasheet HTML 98Page - STMicroelectronics SABRE-LL-I Datasheet HTML 99Page - STMicroelectronics SABRE-LL-I Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 141 page
background image
GPIO pins
SABRE-LL-I
96/141
Hereafter are reported the detailed specifications for each GPIO.
To enable the functionality of the GPIO as output pin, the relative GpioOutEnable[14:0] bit
must be enabled in GpioOutEnable register.
Each GPIO could be configured by setting the appropriate GpioXMode[2:0] in the GpioCtrlX
register.
Reg. Loop 2
This pin can be used as output of the regulation loop used by AUX2
regulator.
Comp2 OUT
This pin can be used as output of the comparator 2.
AuxPwm2
This pin can be used to carry out the PWM generated by AuxPwm2 circuit.
Low Volt. Pow. Sw. 2
This pin can be used as output of low voltage power switch 2.
Reg. Loop 3
This pin can be used as output of the regulation loop used by AUX3
regulator.
AuxPwm3
This pin can be used to carry out the PWM generated by AuxPwm3 circuit.
CurrDAC
This pin can be used to carry out the output of the current DAC circuit.
AuxPwm4
This pin can be used to carry out the PWM generated by AuxPwm4 circuit.
OpAmp1 in+
This pin can be used as operational amplifier 1 non-inverting input.
OpAmp1 in-
This pin can be used as operational amplifier 1 inverting input.
OpAmp1 Out
This pin can be used as operational amplifier 1 output.
OpAmp2 in+
This pin can be used as operational amplifier 2 non-inverting input.
OpAmp2 in-
This pin can be used as operational amplifier 2 inverting input.
OpAmp2 Out
This pin can be used as operational amplifier 2 output.
ID 1
This pin is used to determine the SPI ID1 bit value.
ID 2
This pin is used to determine the SPI ID2 bit value.
Slave Control
This pin is used as slave control when the IC is configured as master.
Table 68.
Abbreviations (continued)
Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com