Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE-LL-I Datasheet(PDF) 95 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 91Page - STMicroelectronics SABRE-LL-I Datasheet HTML 92Page - STMicroelectronics SABRE-LL-I Datasheet HTML 93Page - STMicroelectronics SABRE-LL-I Datasheet HTML 94Page - STMicroelectronics SABRE-LL-I Datasheet HTML 95Page - STMicroelectronics SABRE-LL-I Datasheet HTML 96Page - STMicroelectronics SABRE-LL-I Datasheet HTML 97Page - STMicroelectronics SABRE-LL-I Datasheet HTML 98Page - STMicroelectronics SABRE-LL-I Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 141 page
background image
SABRE-LL-I
GPIO pins
95/141
GPIO[13]
- ADC input
- OpAmp2 in-
- SPI IN
- SPI OUT
- AuxPwm1
- Reg. loop 3
- AuxPwm3
Full driver
connected to
VGPIO_SPI
GPIO[14] - ADC input
- SPI IN
- OpAmp2 Out
- SPI OUT
- Interrupt ctrl.
- AuxPwm2
- AuxPwm3
Full driver
connected to
VGPIO_SPI
1.
In the above table the following abbreviations were used.
2.
Gpio[8] input Schmitt trigger is disabled by default (after a reset) to be able to read the digital value from this pin it needs to
be enabled writing a logic ‘1’ in the EnGpio8DigIn in CurrDacCtrl register.
Table 67.
GPIO functions description (continued)
Pin
Name
Function(1)
Notes
Input
Output
Special
Analog
Digital
Analog
Digital
Table 68.
Abbreviations
Abbreviation
Meaning
ADC input
Input to the ADC system.
SPI IN
Digital state of this pin is readable through SPI.
SPI OUT
Digital state of this pin can be set through SPI.
BB
Back to back high side driver.
Comp1 IN -
This pin can be used as minus input for comparator 1.
Comp2 IN -
This pin can be used as minus input for comparator 2.
Vaux1 FB
This pin can be used as feedback input for AUX1 regulator obtained by
using bridge 3.
A2DGpo
This pin can be used to carry out the A2DGpo value related to the ADC
conversion S.A.B.Re is doing.
Reg. Loop 3
This pin can be used as output of the regulation loop used by AUX3
regulator obtained by using bridge 4.
STEP_REQ
This pin can be used to request a stepper sequencer evolution step.
Interrupt Ctrl
This pin can be used to carry out the interrupt controller circuit output.
Vaux2 FB
This pin can be used as feedback pin by AUX2 regulator obtained by
using bridge 3
IN PWM
This pin can be used to provide an external PWM to bridges.
Reg. Loop 1
This pin can be used as output of the regulation loop used by AUX1
regulator.
Comp1 OUT
This pin can be used as output of the comparator 1.
AuxPwm1
This pin can be used to carry out the PWM generated by AuxPwm1 circuit.
Low Volt. Pow. Sw. 1
This pin can be used as output of low voltage power switch 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com