Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE-LL-I Datasheet(PDF) 91 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 87Page - STMicroelectronics SABRE-LL-I Datasheet HTML 88Page - STMicroelectronics SABRE-LL-I Datasheet HTML 89Page - STMicroelectronics SABRE-LL-I Datasheet HTML 90Page - STMicroelectronics SABRE-LL-I Datasheet HTML 91Page - STMicroelectronics SABRE-LL-I Datasheet HTML 92Page - STMicroelectronics SABRE-LL-I Datasheet HTML 93Page - STMicroelectronics SABRE-LL-I Datasheet HTML 94Page - STMicroelectronics SABRE-LL-I Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 141 page
background image
SABRE-LL-I
Digital comparator
91/141
21
Digital comparator
21.1
Overview
S.A.B.Re includes one digital comparator that can be used to signal, through serial
interface, that a channel converted by the ADC is greater, greater-equal, lesser, lesser
equal, or equal than a fixed value set by serial interface or than the value converted by the
other ADC channel.
This circuit can be used to monitor the temperature of the IC advising the firmware when it
reaches a certain value decided by the firmware by setting one ADC channel to do
continuous conversions of the temperature sensor.
The circuit operation can be enabled or disabled changing the EnDigCmp bit in the
configuration register DigCmpCfg. By setting the DigCmpUpdate[1:0] bits in the
configuration register, the comparator can be programmed to update its output in one of the
following ways:
●
DigCmpUpdate[1:0]=00
–
Continuously (each clock).
●
DigCmpUpdate[1:0]=01
–
Each time a conversion is performed on ADC channel 0.
●
DigCmpUpdate[1:0]=10
–
Each time a conversion is performed on ADC channel 1.
●
DigCmpUpdate[1:0]=11
–
ADC state machine driven.
When the last option is selected, the digital comparator will update its output in two different
ways depending on the configuration of the ADC converter. If ADC converter is configured
to do continuous conversions on both channels, the output of the comparator will be
updated when the double conversion is completed. If ADC converter is not configured to do
continuous conversions on both channels, the output of the comparator will be updated
each time a conversion is completed.
The comparator output can be digitally filtered so that the programmed condition has to be
found for three consecutive checks before to be signaled.
The picture here below is a block representation of the comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com