Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 34Page - Renesas Technology Corp M30833FJGP Datasheet HTML 35Page - Renesas Technology Corp M30833FJGP Datasheet HTML 36Page - Renesas Technology Corp M30833FJGP Datasheet HTML 37Page - Renesas Technology Corp M30833FJGP Datasheet HTML 38Page - Renesas Technology Corp M30833FJGP Datasheet HTML 39Page - Renesas Technology Corp M30833FJGP Datasheet HTML 40Page - Renesas Technology Corp M30833FJGP Datasheet HTML 41Page - Renesas Technology Corp M30833FJGP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
Page 38
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
035016
XX16
Timer B0 Register
TB0
035116
XX16
035216
XX16
Timer B1 Register
TB1
035316
XX16
035416
XX16
Timer B2 Register
TB2
035516
XX16
035616
Timer A0 Mode Register
TA0MR
0000 0X002
035716
Timer A1 Mode Register
TA1MR
0000 0X002
035816
Timer A2 Mode Register
TA2MR
0000 0X002
035916
Timer A3 Mode Register
TA3MR
0000 0X002
035A16
Timer A4 Mode Register
TA4MR
0000 0X002
035B16
Timer B0 Mode Register
TB0MR
00XX 00002
035C16
Timer B1 Mode register
TB1MR
00XX 00002
035D16
Timer B2 Mode Register
TB2MR
00XX 00002
035E16
Timer B2 Special Mode Register
TB2SC
XXXX XXX02
035F16
Count Source Prescaler Register(1)
TCSPR
0XXX 00002
036016
036116
036216
036316
036416
UART0 Special Mode Register 4
U0SMR4
0016
036516
UART0 Special Mode Register 3
U0SMR3
0016
036616
UART0 Special Mode Register 2
U0SMR2
0016
036716
UART0 Special Mode Register
U0SMR
0016
036816
UART0 Transmit/Receive Mode Register
U0MR
0016
036916
UART0 Baud Rate Register
U0BRG
XX16
036A16
XX16
UART0 Transmit Buffer Register
U0TB
036B16
XX16
036C16
UART0 Transmit/Receive Control Register 0
U0C0
0000 10002
036D16
UART0 Transmit/Receive Control Register 1
U0C1
0000 00102
036E16
XX16
UART0 Receive Buffer Register
U0RB
036F16
XX16
037016
037116
037216
037316
037416
037516
037616
PLL Control Register 0
PLC0
0011 X1002
037716
PLL Control Register 1
PLC1
XXXX 00002
037816
DMA0 Cause Select Register
DM0SL
0X00 00002
037916
DMA1 Cause Select Register
DM1SL
0X00 00002
037A16
DMA2 Cause Select Register
DM2SL
0X00 00002
037B16
DMA3 Cause Select Register
DM3SL
0X00 00002
037C16
XX16
CRC Data Register
CRCD
037D16
XX16
037E16
CRC Input Register
CRCIN
XX16
037F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The TCSPR register maintains the values set before reset even if software reset or watchdog timer reset
is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com