Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 46Page - Renesas Technology Corp M30833FJGP Datasheet HTML 47Page - Renesas Technology Corp M30833FJGP Datasheet HTML 48Page - Renesas Technology Corp M30833FJGP Datasheet HTML 49Page - Renesas Technology Corp M30833FJGP Datasheet HTML 50Page - Renesas Technology Corp M30833FJGP Datasheet HTML 51Page - Renesas Technology Corp M30833FJGP Datasheet HTML 52Page - Renesas Technology Corp M30833FJGP Datasheet HTML 53Page - Renesas Technology Corp M30833FJGP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
Page 50
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
VCC=5V
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Timing Requirements
(VCC = 4.2 to 5.5V, VSS = 0V at Topr = –20 to 85oC unless otherwise specified)
Table 5.14 Timer B Input (Count Source Input in Event Counter Mode)
Table 5.15 Timer B Input (Pulse Period Measurement Mode)
Table 5.16 Timer B Input (Pulse Width Measurement Mode)
Table 5.17 A/D Trigger Input
Table 5.18 Serial I/O
_______
Table 5.19 External Interrupt INTi Input
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
B
T
(
i
B
T
N
I
)
e
g
d
e
e
n
o
n
o
d
e
t
n
u
o
c
(
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
1s
n
w
t
)
H
B
T
(
i
B
T
N
I
)
e
g
d
e
e
n
o
n
o
d
e
t
n
u
o
c
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
4s
n
w
t
)
L
B
T
(
i
B
T
N
I
)
e
g
d
e
e
n
o
n
o
d
e
t
n
u
o
c
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
4s
n
c
t
)
B
T
(
i
B
T
N
I
)
s
e
g
d
e
h
t
o
b
n
o
d
e
t
n
u
o
c
(
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
2s
n
w
t
)
H
B
T
(
i
B
T
N
I
)
s
e
g
d
e
h
t
o
b
n
o
d
e
t
n
u
o
c
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
8s
n
w
t
)
L
B
T
(
i
B
T
N
I
)
s
e
g
d
e
h
t
o
b
n
o
d
e
t
n
u
o
c
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
8s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
B
T
(
i
B
T
N
I
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
4s
n
w
t
)
H
B
T
(
i
B
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
2s
n
w
t
)
L
B
T
(
i
B
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
2s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
B
T
(
i
B
T
N
I
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
4s
n
w
t
)
H
B
T
(
i
B
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
2s
n
w
t
)
L
B
T
(
i
B
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
2s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
D
A
(
D
A
G
R
T
)
r
e
g
g
i
r
t
-
e
r
r
o
f
d
e
r
i
u
q
e
r
(
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
0
1s
n
w
t
)
L
D
A
(
D
A
G
R
T
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
5
2
1s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
K
C
(
e
m
i
T
e
l
c
y
C
t
u
p
n
I
i
K
L
C
0
0
2s
n
w
t
)
H
K
C
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
i
K
L
C
0
0
1s
n
w
t
)
L
K
C
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
i
K
L
C
0
0
1s
n
d
t
)
Q
-
C
(
e
m
i
T
y
a
l
e
D
t
u
p
t
u
O
i
D
x
T
0
8s
n
h
t
)
Q
-
C
(
e
m
i
T
d
l
o
H
i
D
x
T
0s
n
u
s
t
)
C
-
D
(
e
m
i
T
p
U
t
e
S
t
u
p
n
I
i
D
x
R
0
3s
n
h
t
)
Q
-
C
(
e
m
i
T
d
l
o
H
t
u
p
n
I
i
D
x
R
0
9s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
w
t
)
H
N
I
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
i
T
N
I
0
5
2s
n
w
t
)
L
N
I
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
i
T
N
I
0
5
2s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com