Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 42Page - Renesas Technology Corp M30833FJGP Datasheet HTML 43Page - Renesas Technology Corp M30833FJGP Datasheet HTML 44Page - Renesas Technology Corp M30833FJGP Datasheet HTML 45Page - Renesas Technology Corp M30833FJGP Datasheet HTML 46Page - Renesas Technology Corp M30833FJGP Datasheet HTML 47Page - Renesas Technology Corp M30833FJGP Datasheet HTML 48Page - Renesas Technology Corp M30833FJGP Datasheet HTML 49Page - Renesas Technology Corp M30833FJGP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
Page 46
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
VCC=5V
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Table 5.3 Electrical Characteristics (VCC=4.2 to 5.5V, VSS=0V
at Topr= –20 to 85oC, f(XIN)=32MHZ unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
Cd
r
a
d
n
a
t
St
i
n
U
n
i
Mp
y
Tx
a
M
V H
O
)
"
H
"
(
h
g
i
H
t
u
p
t
u
O
e
g
a
t
l
o
V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
,
3
1
P
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
I H
O
A
m
5
-
=0
.
2
-
c
c
VV
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
,
3
1
P
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
I H
O
0
0
2
-
=
µA3
.
0
-
c
c
V
X T
U
O
I H
O
A
m
1
-
=0
.
3V
X
T
U
O
C
d
e
il
p
p
a
d
a
o
l
o
N3
.
3V
V L
O
)
"
L
"
(
w
o
L
t
u
p
t
u
O
e
g
a
t
l
o
V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
,
3
1
P
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
I L
O
A
m
5
=0
.
2V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
,
3
1
P
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
I L
O
0
0
2
=
µA5
4
.
0V
X T
U
O
I L
O
A
m
1
=0
.
2V
X
T
U
O
C
d
e
il
p
p
a
d
a
o
l
o
N0
V
V +
T
V
-
-
T
s
i
s
e
r
e
t
s
y
H0
A
T
,
Y
D
R
,
D
L
O
H
N
I
4
A
T
-
N
I
0
B
T
,
N
I
5
B
T
-
N
I
-
0
T
N
I
,
D
A
,
5
T
N
I
G
R
T
,
4
K
L
C
-
0
K
L
C
,
4
S
T
C
-
0
S
T
C
,
0
A
T
T
U
O
4
A
T
-
T
U
O
,
4
D
x
R
-
0
D
x
R
,
3
I
K
-
0
I
K
,
I
M
N
,
4
A
D
S
-
0
A
D
S
,
4
L
C
S
-
0
L
C
S
2
.
00
.
1V
T
E
S
E
R2
.
08
.
1V
I H
I
)
"
H
"
(
h
g
i
H
t
u
p
n
I
t
n
e
r
r
u
C
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
7
9
P
,
0
9
P
-
7
,
0
1
P
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
,
4
1
P
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
X
,
N
I
V
N
C
,
T
E
S
E
R
,
S
S
,
E
T
Y
B
VI
V
5
=0
.
5
µA
I L
I
)
"
L
"
(
w
o
L
t
u
p
n
I
t
n
e
r
r
u
C
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
7
9
P
,
0
9
P
-
7
,
0
1
P
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
,
4
1
P
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
X
,
N
I
V
N
C
,
T
E
S
E
R
,
S
S
,
E
T
Y
B
VI
V
0
=0
.
5
-
µA
R
P
U
L
L
U
P
e
c
n
a
t
s
i
s
e
R
p
u
-
ll
u
P0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
,
5
P 0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
2
1
P
-
7
,
3
1
P
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
1
(
VI
V
0
=0
30
57
6
1k
Ω
f
R N
I
X
e
c
n
a
t
s
i
s
e
R
k
c
a
b
d
e
e
FX N
I
5
.
1M
Ω
f
R
N
I
C
X
e
c
n
a
t
s
i
s
e
R
k
c
a
b
d
e
e
FX N
I
C
0
1M
Ω
V M
A
R
e
g
a
t
l
o
V
y
b
d
n
a
t
S
M
A
RC
D
V
h
g
u
o
r
h
T5
.
2V
I C
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
r
r
u
C
:
s
n
o
i
t
i
d
n
o
c
t
n
e
m
e
r
u
s
a
e
M
t
u
p
t
u
o
,
e
d
o
m
p
i
h
c
-
e
l
g
n
i
s
n
I
r
e
h
t
o
d
n
a
n
e
p
o
t
f
e
l
e
r
a
s
n
i
p
V
o
t
d
e
t
c
e
n
n
o
c
e
r
a
s
n
i
p
S
S
.
X
(
f
N
I
,
e
v
a
w
e
r
a
u
q
s
,
z
H
M
2
3
=
)
n
o
i
s
i
v
i
d
o
n
0
44
5A
m
X
(
f
N
I
C
,
e
t
a
t
s
t
i
a
w
a
h
t
i
w
,
z
H
k
2
3
=
)
5
2
=
r
p
o
TC
°
0
7
4
µA
5
2
=
r
p
o
Tk
c
o
l
c
e
h
t
n
e
h
w
C
°
s
p
o
t
s
4
.
00
2
µA
:
S
E
T
O
N
.
y
l
n
o
e
g
a
k
c
a
p
n
i
p
-
4
4
1
e
h
t
n
i
d
e
d
i
v
o
r
p
e
r
a
5
1
P
o
t
1
1
P
.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com