Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 16Page - Renesas Technology Corp M30833FJGP Datasheet HTML 17Page - Renesas Technology Corp M30833FJGP Datasheet HTML 18Page - Renesas Technology Corp M30833FJGP Datasheet HTML 19Page - Renesas Technology Corp M30833FJGP Datasheet HTML 20Page - Renesas Technology Corp M30833FJGP Datasheet HTML 21Page - Renesas Technology Corp M30833FJGP Datasheet HTML 22Page - Renesas Technology Corp M30833FJGP Datasheet HTML 23Page - Renesas Technology Corp M30833FJGP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
Page 20
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
2.1.8.5 Register Bank Select Flag (B)
The register bank 0 is selected when the B flag is set to "0". The register bank 1 is selected when this
flag is set to "1".
2.1.8.6 Overflow Flag (O)
The O flag is set to "1" when the result of an arithmetic operation overflows; otherwise "0".
2.1.8.7 Interrupt Enable Flag (I)
The I flag enables a maskable interrupt.
An interrupt is disabled when the I flag is set to "0" and enabled when the I flag is set to "1". The I flag
is set to "0" when an interrupt is acknowledged.
2.1.8.8 Stack Pointer Select Flag (U)
ISP is selected when the U flag is set to "0". USP is selected when this flag is set to "1".
The U flag is set to "0" when a hardware interrupt is acknowledged or the INT instruction of software
interrupt numbers 0 to 31 is executed.
2.1.8.9 Processor Interrupt Priority Level (IPL)
IPL, 3 bits wide, assigns processor interrupt priority levels from level 0 to level 7.
If a requested interrupt has greater priority than IPL, the interrupt is enabled.
2.1.8.10 Reserved Space
When writing to a reserved space, set to "0". When read, its content is indeterminate.
2.2 High-Speed Interrupt Registers
Registers associated with the high-speed interrupt are as follows. Refer to 10.4 High-Speed Interrupt for
details.
- Flag save register (SVF)
- PC save register (SVP)
- Vector register (VCT)
2.3 DMAC-Associated Registers
Registers associated with DMAC are as follows. Refer to 12. DMAC for details.
- DMA mode register (DMD0, DMD1)
- DMA transfer count register (DCT0, DCT1)
- DMA transfer count reload register (DRC0, DRC1)
- DMA memory address register (DMA0, DMA1)
- DMA SFR address register (DSA0, DSA1)
- DMA memory address reload register (DRA0, DRA1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com