Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 9Page - Renesas Technology Corp M30833FJGP Datasheet HTML 10Page - Renesas Technology Corp M30833FJGP Datasheet HTML 11Page - Renesas Technology Corp M30833FJGP Datasheet HTML 12Page - Renesas Technology Corp M30833FJGP Datasheet HTML 13Page - Renesas Technology Corp M30833FJGP Datasheet HTML 14Page - Renesas Technology Corp M30833FJGP Datasheet HTML 15Page - Renesas Technology Corp M30833FJGP Datasheet HTML 16Page - Renesas Technology Corp M30833FJGP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Page 13
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
VCC
VSS
AVSS
VREF
AVCC
P43
P42
P41
P40
P37
P36
P35
P34
P33
P32
P31
P30
P27
P26
P25
P24
P23
P22
P21
P20
P17
P16
P15
P14
P13
P12
P11
P10
P07
P06
P05
P04
P03
P02
P01
P00
P107
P106
P105
P104
P103
P102
P101
P100
P97
Timer Pin
UART/CAN Pin
AN27
AN26
AN25
AN24
AN23
AN22
AN21
AN20
AN07
AN06
AN05
AN04
AN03
AN02
AN01
AN00
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
ADTRG
A19(MA11)
A18(MA10)
A17(MA9)
A16(MA8)
A15(MA7)(/D15)
A14(MA6)(/D14)
A13(MA5)(/D13)
A12(MA4)(/D12)
A11(MA3)(/D11)
A10(MA2)(/D10)
A9(MA1)(/D9)
A8(MA0)(/D8)
A7(/D7)
A6(/D6)
A5(/D5)
A4(/D4)
A3(/D3)
A2(/D2)
A1(/D1)
A0(/D0)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Intelligent I/O Pin
Bus Control Pin(1)
Analog
Pin
Interrupt
Pin
INT5
INT4
INT3
KI3
KI2
KI1
KI0
RxD4/SCL4/STxD4
FP GP
Package
Pin No
Control
Pin
Port
NOTES:
1. Bus control pins in M32C/83T cannot be used.
Table 1.5 Pin Characteristics for 100-Pin Package (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com