Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 86Page - Renesas Technology Corp M30833FJGP Datasheet HTML 87Page - Renesas Technology Corp M30833FJGP Datasheet HTML 88Page - Renesas Technology Corp M30833FJGP Datasheet HTML 89Page - Renesas Technology Corp M30833FJGP Datasheet HTML 90Page - Renesas Technology Corp M30833FJGP Datasheet HTML 91Page - Renesas Technology Corp M30833FJGP Datasheet HTML 92Page - Renesas Technology Corp M30833FJGP Datasheet HTML 93Page - Renesas Technology Corp M30833FJGP Datasheet HTML 94Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
Page 91
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
x
125
26
50
51
75
76
100
F
*1
*3
ZD
D
HD
bp
Detail F
L1
L
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.08
e
0.5
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
15.8
16.0
16.2
15.8
16.0
16.2
A2
1.4
E
13.9
14.0
14.1
D
13.9
14.0
14.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.15
0.20
0.25
0.09 0.145 0.20
0.08
1.0
1.0
0.18
0.125
1.0
Previous Code
JEITA Package Code
RENESAS Code
PLQP0100KB-A
100P6Q-A / FP-100U / FP-100UV
MASS[Typ.]
0.6g
P-LQFP100-14x14-0.50
e
PLQP0100KB-A (100P6Q-A)
Plastic 100pin 14 X 14 mm body LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com