Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 17Page - Renesas Technology Corp M30833FJGP Datasheet HTML 18Page - Renesas Technology Corp M30833FJGP Datasheet HTML 19Page - Renesas Technology Corp M30833FJGP Datasheet HTML 20Page - Renesas Technology Corp M30833FJGP Datasheet HTML 21Page - Renesas Technology Corp M30833FJGP Datasheet HTML 22Page - Renesas Technology Corp M30833FJGP Datasheet HTML 23Page - Renesas Technology Corp M30833FJGP Datasheet HTML 24Page - Renesas Technology Corp M30833FJGP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Page 21
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
3. Memory
Figure 3.1 shows a memory map of the M32C/83 group (M32C/83, M32C/83T).
M32C/83 group (M32C/83, M32C/83T) provides 16-Mbyte address space from addresses 00000016 to
FFFFFF16.
The internal ROM is allocated lower addresses beginning with address FFFFFF16. For example, a 64-
Kbyte internal ROM is allocated addresses FF000016 to FFFFFF16.
The fixed interrupt vectors are allocated addresses FFFFDC16 to FFFFFF16. It stores the starting address
of each interrupt routine. Refer to 10. Interrupts for details.
The internal RAM is allocated higher addresses beginning with address 00040016. For example, a 10-
Kbyte internal RAM is allocated addresses 00040016 to 002BFF16. Besides storing data, it becomes stacks
when the subroutine is called or an interrupt is acknowledged.
SFR, consisting of control registers for peripheral functions such as I/O port, A/D conversion, serial I/O, and
timers, is allocated addresses 00000016 to 0003FF16. All addresses, which have nothing allocated within
SFR, are reserved space and cannot be accessed by users.
The special page vectors are allocated addresses FFFE0016 to FFFFDB16. It is used for the JMPS instruc-
tion and JSRS instruction. Refer to the Renesas publication Software Manual for details.
In memory expansion mode and microprocessor mode, some space are reserved and cannot be accessed
by users.
Figure 3.1 Memory Map
SFR
Internal RAM
Reserved Space
External Space(1)
BRK Instruction
Overflow
Undefined Instruction
FFFFFF16
NMI
00000016
00040016
007FFF16
00800016
F0000016
F8000016
FFFFFF16
Reserved Space(2)
Internal ROM(3)
Special Page
Vector Table
Address Match
Watchdog Timer(4)
Reset
NOTES:
1. In memory expansion and microprocessor modes
2. In memory expansion mode. This space becomes external space in microprocessor mode.
3. This space can be used in single-chip mode and memory expansion mode. This space becomes external
space in microprocessor mode.
4. Watchdog timer interrupt, oscillation stop detection interrupt, and low voltage detection interrupt share vectors.
FFFFDC16
FFFE0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com