Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 8Page - Renesas Technology Corp M30833FJGP Datasheet HTML 9Page - Renesas Technology Corp M30833FJGP Datasheet HTML 10Page - Renesas Technology Corp M30833FJGP Datasheet HTML 11Page - Renesas Technology Corp M30833FJGP Datasheet HTML 12Page - Renesas Technology Corp M30833FJGP Datasheet HTML 13Page - Renesas Technology Corp M30833FJGP Datasheet HTML 14Page - Renesas Technology Corp M30833FJGP Datasheet HTML 15Page - Renesas Technology Corp M30833FJGP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
Page 12
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
BYTE
CNVSS
XCIN/VCONT
XCOUT
RESET
XOUT
VSS
XIN
VCC
P96
P95
P94
P93
P92
P91
P90
P87
P86
P85
P84
P83
P82
P81
P80
P77
P76
P75
P74
P73
P72
P71
P70
P67
P66
P65
P64
P63
P62
P61
P60
P57
P56
P55
P54
P53
P52
P51
P50
P47
P46
P45
P44
NMI
INT2
INT1
INT0
TB4IN
TB3IN
TB2IN
TB1IN
TB0IN
TA4IN/U
TA4OUT/U
TA3IN
TA3OUT
TA2IN/W
TA2OUT/W
TA1IN/V
TA1OUT/V
TB5IN/TA0IN
TA0OUT
TxD4/SDA4/SRxD4
CLK4
CTS4/RTS4/SS4
CTS3/RTS3/SS3
TxD3/SDA3/SRxD3
RxD3/SCL3/STxD3
CLK3
CANIN
CANOUT
CANIN
CANOUT
CTS2/RTS2/SS2
CLK2
RxD2/SCL2/STxD2
TxD2/SDA2/SRxD2
TxD1/SDA1/SRxD1
RxD1/SCL1/STxD1
CLK1
CTS1/RTS1/SS1
TxD0/SDA0/SRxD0
RxD0/SCL0/STxD0
CLK0
CTS0/RTS0/SS0
OUTC20/IEOUT/ISTxD2
IEIN/ISRxD2
OUTC32/ISRxD3
OUTC30/ISTxD3
INPC02/ISRxD0/BE0IN
INPC01/OUTC01/ISCLK0
INPC00/OUTC00/ISTxD0/BE0OUT
INPC12/OUTC12/ISRxD1/BE1IN
INPC11/OUTC11/ISCLK1
OUTC10/ISTxD1/BE1OUT
OUTC22/ISRxD2/IEIN
OUTC20/ISTxD2/IEOUT
OUTC21/ISCLK2
ANEX1
ANEX0
DA1
DA0
99
100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
RDY
ALE/RAS
HOLD
HLDA/ALE
CLKOUT/BCLK/ALE
RD/DW
WRH/BHE/CASH
WRL/WR/CASL
CS0/A23
CS1/A22
CS2/A21
CS3/A20(MA12)
Package
Pin No
FP GP
Control
Pin
Port
Timer Pin
UART/CAN Pin
Intelligent I/O Pin
Bus Control Pin(1)
Analog
Pin
Interrupt
Pin
NOTES:
1. Bus control pins in M32C/83T cannot be used.
Table 1.5 Pin Characteristics for 100-Pin Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com