Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 44Page - Renesas Technology Corp M30833FJGP Datasheet HTML 45Page - Renesas Technology Corp M30833FJGP Datasheet HTML 46Page - Renesas Technology Corp M30833FJGP Datasheet HTML 47Page - Renesas Technology Corp M30833FJGP Datasheet HTML 48Page - Renesas Technology Corp M30833FJGP Datasheet HTML 49Page - Renesas Technology Corp M30833FJGP Datasheet HTML 50Page - Renesas Technology Corp M30833FJGP Datasheet HTML 51Page - Renesas Technology Corp M30833FJGP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Page 48
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
VCC=5V
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
te
m
i
T
e
l
c
y
C
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
3s
n
w
t
)
H
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
1s
n
w
t
)
L
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
1s
n
r
te
m
i
T
e
s
i
R
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
f
te
m
i
T
ll
a
F
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
tac1(RD – DB) =
f(BCLK) X 2
– 35
10
9
[ns]
tac2(RD – DB) =
f(BCLK) X 2
– 35
10 X m
9
[ns] (m=3 with 1 wait state, m=5 with 2 wait states
and m=7 with 3 wait states)
tac1(AD – DB) =
f(BCLK)
– 35
10
9
[ns]
tac2(AD – DB) =
– 35
10 X n
9
[ns] (n=2 with 1 wait state, n=3 with 2 wait states
and n=4 with 3 wait states)
tac3(RD – DB) =
f(BCLK) X 2
– 35
10 X m
9
[ns] (m=3 with 2 wait states and m=5 with 3 wait states)
tac3(AD – DB) =
f(BCLK) X 2
– 35
10 X n
9
[ns] (n=5 with 2 wait states and n=7 with 3 wait states)
tac4(RAS – DB) =
f(BCLK) X 2
– 35
10 X m
9
[ns] (m=3 with 1 wait state and m=5 with 2 wait states)
tac4(CAS – DB) =
– 35
10 X n
9
[ns] (n=1 with 1 wait state and n=3 when 2 wait states)
tac4(CAD – DB) =
f(BCLK)
– 35
10 X l
9
[ns] (l=1 with 1 wait state and l=2 with 2 wait states)
f(BCLK)
f(BCLK) X 2
Timing Requirements (VCC = 4.2 to 5.5V, VSS = 0V at Topr = –20 to 85oC unless otherwise specified)
Table 5.7 External Clock Input
Table 5.8 Memory Expansion and Microprocessor Modes
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
1
c
a
t
)
B
D
-
D
R
(
)
e
t
a
t
s
t
i
a
w
o
n
h
t
i
w
,
d
r
a
d
n
a
t
s
D
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
1
c
a
t
)
B
D
-
D
A
(
)
e
t
a
t
s
t
i
a
w
o
n
h
t
i
w
,
d
r
a
d
n
a
t
s
S
C
,
d
r
a
d
n
a
t
s
D
A
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
2
c
a
t
)
B
D
-
D
R
(
)
e
t
a
t
s
t
i
a
w
a
h
t
i
w
,
d
r
a
d
n
a
t
s
D
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
2
c
a
t
)
B
D
-
D
A
(
)
e
t
a
t
s
t
i
a
w
a
h
t
i
w
,
d
r
a
d
n
a
t
s
S
C
,
d
r
a
d
n
a
t
s
D
A
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
3
c
a
t
)
B
D
-
D
R
(
)
s
u
b
d
e
x
e
l
p
it
l
u
m
e
h
t
h
ti
w
e
c
a
p
s
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
D
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
3
c
a
t
)
B
D
-
D
A
(
d
e
x
e
l
p
it
l
u
m
e
h
t
h
ti
w
e
c
a
p
s
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
S
C
,
d
r
a
d
n
a
t
s
D
A
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
s
u
b
)
1
e
t
o
N
(s
n
4
c
a
t
)
B
D
-
S
A
R
(
)
e
c
a
p
s
M
A
R
D
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
S
A
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
4
c
a
t
)
B
D
-
S
A
C
(
)
e
c
a
p
s
M
A
R
D
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
S
A
C
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
4
c
a
t
)
B
D
-
D
A
C
(
)
e
c
a
p
s
M
A
R
D
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
D
A
C
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
u
s
t
)
K
L
C
B
-
B
D
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
a
t
a
D
6
2s
n
u
s
t
)
K
L
C
B
-
Y
D
R
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
Y
D
R
6
2s
n
u
s
t
)
K
L
C
B
-
D
L
O
H
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
D
L
O
H
0
3s
n
h
t
)
B
D
-
D
R
(
e
m
i
T
d
l
o
H
t
u
p
n
I
a
t
a
D
0s
n
h
t
)
B
D
-
S
A
C
(
e
m
i
T
d
l
o
H
t
u
p
n
I
a
t
a
D
0s
n
h
t
)
Y
D
R
-
K
L
C
B
(
e
m
i
T
d
l
o
H
t
u
p
n
I
Y
D
R
0s
n
h
t
)
D
L
O
H
-
K
L
C
B
(
e
m
i
T
d
l
o
H
t
u
p
n
I
D
L
O
H
0s
n
d
t
)
A
D
L
H
-
K
L
C
B
(
e
m
i
T
y
a
l
e
D
t
u
p
t
u
O
A
D
L
H
5
2s
n
:
S
E
T
O
N
r
e
w
o
l
r
o
e
t
a
t
s
t
i
a
w
a
t
r
e
s
n
I
.
y
c
n
c
e
u
q
e
r
f
K
L
C
B
o
t
g
n
i
d
r
o
c
c
a
,
s
n
o
i
t
a
u
q
e
g
n
i
w
o
ll
o
f
e
h
t
m
o
r
f
d
e
n
i
a
t
b
o
e
b
n
a
c
s
e
u
l
a
V
.
1
(
f
,
y
c
n
e
u
q
e
r
f
n
o
i
t
a
r
e
p
o
e
h
t
K
L
C
B
.
e
v
i
t
a
g
e
n
s
i
e
u
l
a
v
d
e
t
a
l
u
c
l
a
c
e
h
t
f
i
,
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com