Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJGP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M30833FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJGP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M30833FJGP Datasheet HTML 12Page - Renesas Technology Corp M30833FJGP Datasheet HTML 13Page - Renesas Technology Corp M30833FJGP Datasheet HTML 14Page - Renesas Technology Corp M30833FJGP Datasheet HTML 15Page - Renesas Technology Corp M30833FJGP Datasheet HTML 16Page - Renesas Technology Corp M30833FJGP Datasheet HTML 17Page - Renesas Technology Corp M30833FJGP Datasheet HTML 18Page - Renesas Technology Corp M30833FJGP Datasheet HTML 19Page - Renesas Technology Corp M30833FJGP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
Page 16
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
STxD0 to
STxD4
SRxD0 to
SRxD4
_______
_______
SS0 to SS4
VREF
AN0 to AN7
AN00 to AN07
AN20 to AN27
AN150 to AN157
___________
ADTRG
ANEX0
ANEX1
DA0, DA1
INPC00 to INPC02
INPC03 to
INPC07(1)
INPC11 to INPC12
INPC16 to
INPC17(1)
OUTC00 to OUTC02
OUTC04 to
OUTC05(1)
OUTC10 to OUTC12
OUTC13 to
OUTC17(1)
OUTC20 to OUTC22
OUTC23 to
OUTC27(1)
OUTC30 to OUTC32
OUTC31, OUTC33
to OUTC37(1)
ISCLK0 to ISCLK2
ISCLK3(1)
ISRXD0 to ISRXD3
ISTXD0 to ISTXD3
BE0IN, BE1IN
BE0OUT, BE1OUT
IEIN
IEOUT
CANIN
CANOUT
Serial I/O
Special Function
Reference
Voltage Input
A/D Converter
D/A Converter
Intelligent I/O
CAN
Outputs serial data when slave mode is selected
Inputs serial data when slave mode is selected
Input pins to control serial I/O special function
Applies reference voltage to the A/D converter and D/A converter
Analog input pins for the A/D converter
Input pin for an external A/D trigger
Extended analog input pin for the A/D converter and output pin in external
op-amp connection mode
Extended analog input pin for the A/D converter
Output pin for the D/A converter
Input pins for the time measurement function
Output pins for the waveform generating function
(OUTC20 and OUTC22 assigned to P70 and P71 are pins for the N-channel open drain output.)
Inputs and outputs the clock for the intelligent I/O communication function
Inputs data for the intelligent I/O communication function
Outputs data for the intelligent I/O communication function
Inputs data for the intelligent I/O communication function
Outputs data for the intelligent I/O communication function
Inputs data for the intelligent I/O communication function
Outputs data for the intelligent I/O communication function
Input pin for the CAN communication function
Output pin for the CAN communication function
O
I
I
I
I
I
I/O
I
O
I
O
I/O
I
O
I
O
I
O
I
O
I : Input
O : Output
I/O : Input and output
NOTE:
1. Available in the 144-pin package only.
Classsfication
Symbol
I/O Type
Function
Table 1.6 Pin Description (100-Pin and 144-Pin Packages) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com