Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 31Page - Renesas Technology Corp HD404612FS Datasheet HTML 32Page - Renesas Technology Corp HD404612FS Datasheet HTML 33Page - Renesas Technology Corp HD404612FS Datasheet HTML 34Page - Renesas Technology Corp HD404612FS Datasheet HTML 35Page - Renesas Technology Corp HD404612FS Datasheet HTML 36Page - Renesas Technology Corp HD404612FS Datasheet HTML 37Page - Renesas Technology Corp HD404612FS Datasheet HTML 38Page - Renesas Technology Corp HD404612FS Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
HD404618 Series
33
Low-power mode
operation cycle
IF = 1
IM = 0 ?
Hardware NOP
execution
←
PC
next
Iocation
MCU operation
cycle
Standby/watch
mode
IF = 1
IM = 0 ?
Hardware NOP
execution
PC
next
Iocation
←
Instruction
execution
Stop mode
No
Yes
No
Yes
For IF and IM operation, refer to figure 12.
Figure 18 MCU Operating Sequence (low-power mode operation)
Notes on Use:
• In subactive mode, the timer A interrupt request or the external interrupt request (INT
0) occurs in
synchronism with the interrupt strobe.
If the STOP or SBY instruction is executed at the same time with the interrupt strobe, these interrupt
requests will be cancelled and the corresponding interrupt request flags (IFTA, IF0) will not be set.
In subactive mode, do not use the STOP or SBY instruction at the time of the interrupt strobe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com