Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 27Page - Renesas Technology Corp HD404612FS Datasheet HTML 28Page - Renesas Technology Corp HD404612FS Datasheet HTML 29Page - Renesas Technology Corp HD404612FS Datasheet HTML 30Page - Renesas Technology Corp HD404612FS Datasheet HTML 31Page - Renesas Technology Corp HD404612FS Datasheet HTML 32Page - Renesas Technology Corp HD404612FS Datasheet HTML 33Page - Renesas Technology Corp HD404612FS Datasheet HTML 34Page - Renesas Technology Corp HD404612FS Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
HD404618 Series
29





,


Stop mode
Oscillator
Internal clock
RESET
STOP instruction execution
t
> t
(stabilization time)
RC
t res
res
Figure 12 Timing of Stop Mode Cancellation
Watch Mode: The MCU enters watch mode if the STOP instruction is executed in active mode when
TMA3 = 1, or if the STOP or SBY instruc-tion is executed in subactive mode.
Watch mode is terminated by a RESET input or a timer-A/
INT
0 interrupt request.
For details of RESET
input, refer to the Stop Mode section. When terminated by a timer-A/
INT
0 interrupt request, the MCU
enters active mode if LSON is 0, or subactive mode if LSON is 1. After an interrupt request is generated,
the time required to enter active mode is t
RC for a timer A interrupt, and TX (where T + tRC < TX < 2T + tRC)
for an
INT
0 interrupt, as shown in figure 13.
Operation during mode transition is the same as that at standby mode cancellation (figure 12).
Active mode
Watch mode
Active mode
Oscillation
stabilization period
Interrupt strobe
INT
Interrupt request
generation
(During the transition
from watch mode to
active mode only)
0
TT
t RC
Tx
T = 2
× t
RC: Interrupt frame length
tRC: Oscillation stabilization period
Figure 13 Interrupt Frame
Subactive Mode: The CPU operates with a clock generated by the X1 and X2 oscillation circuits.
Functions that can operate in subactive mode are listed in table 16. When the STOP or SBY instruction is
executed in subactive mode, the MCU enters either watch or active mode, depending on the statuses of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com