Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 42Page - Renesas Technology Corp HD404612FS Datasheet HTML 43Page - Renesas Technology Corp HD404612FS Datasheet HTML 44Page - Renesas Technology Corp HD404612FS Datasheet HTML 45Page - Renesas Technology Corp HD404612FS Datasheet HTML 46Page - Renesas Technology Corp HD404612FS Datasheet HTML 47Page - Renesas Technology Corp HD404612FS Datasheet HTML 48Page - Renesas Technology Corp HD404612FS Datasheet HTML 49Page - Renesas Technology Corp HD404612FS Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
HD404618 Series
44
Timer B (TCBL and TLRL: $00A, TCBU and TLRU: $00B): Eight-bit write-only timer load register
(TLRL and TLRU) and read-only timer counter (TCBL and TCBU) located at the same addresses. The
eight-bit configuration consists of lower and upper 4-bit digits located at sequential addresses. A block
diagram of timer B is shown in figure 27.
Timer counter B is initialized by writing to timer load register B (TLR). In this case, the lower digit must
be written to first. The contents of TLR are loaded into the timer counter at the same time the upper digit is
written to, initializing the timer counter. TLR is initialized to $00 by MCU reset.
The count of timer B is obtained by reading timer counter B. In this case, the upper digit must be read first;
the count is latched when the upper digit is read.
An auto-reload function, input clock source, and prescaler division ratio of timer B depend on the state of
timer mode register B (TMB). When an external event input is used as the input clock source of TMB, the
R3
3/INT1 pin must be set to INT1 by setting port mode register A (PMRA: $004).
Timer B is initialized to the value set in TMB by software, and is then incremented by one each clock
input. If an input is applied to timer B after it has reached $FF, an overflow is generated. In this case, if
the auto-reload function is enabled, timer B is initialized to its initial value; if auto-reload is disabled, the
timer is initialized to $00. The overflow sets the timer B interrupt request flag (IFTB: $002, bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com