Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 56Page - Renesas Technology Corp HD404612FS Datasheet HTML 57Page - Renesas Technology Corp HD404612FS Datasheet HTML 58Page - Renesas Technology Corp HD404612FS Datasheet HTML 59Page - Renesas Technology Corp HD404612FS Datasheet HTML 60Page - Renesas Technology Corp HD404612FS Datasheet HTML 61Page - Renesas Technology Corp HD404612FS Datasheet HTML 62Page - Renesas Technology Corp HD404612FS Datasheet HTML 63Page - Renesas Technology Corp HD404612FS Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
HD404618 Series
58
Table 27 LCD Control Register
LCR
LCR
LCR
Bit 2
Display in
Watch Mode or
Subactive Mode Bit 1
Power Switch
On/Off
Bit 0
Blank/Display
0
Off
0
Off
0
Blank
1
On
1
On
1
Display
Note:
When using an LCD in watch mode or subactive mode, use the divided output of a 32-kHz oscillator
as the LCD clock and set bit 2 of the LCR to 1. If using the divided output of the system clock as the
LCD clock, always set bit 2 of the LCR to 0.
LCD Duty/Clock Control Register (LMR: $014): Four-bit write-only register which selects the display
duty and LCD clock source, as shown in table 28.
Table 28 LCD Duty/Clock Control Register
LMR
Bit 3
Bit 2
Bit 1
Bit 0
Duty Selection/Input Clock Selection
—
—
0
0
1/4 duty cycle
—
—
0
1
1/3 duty cycle
—
—
1
0
1/2 duty cycle
—
—
1
1
Static
0
0
—
—
CL0 (32.768/64 kHz when using 32.768-kHz oscillator)
0
1
—
—
CL1 (f
cyc/256)
1
0
—
—
CL2 (f
cyc/2048)
1
1
—
—
CL3 (refer to table 29)
Note: f
cyc is the divided system clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com