Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 49Page - Renesas Technology Corp HD404612FS Datasheet HTML 50Page - Renesas Technology Corp HD404612FS Datasheet HTML 51Page - Renesas Technology Corp HD404612FS Datasheet HTML 52Page - Renesas Technology Corp HD404612FS Datasheet HTML 53Page - Renesas Technology Corp HD404612FS Datasheet HTML 54Page - Renesas Technology Corp HD404612FS Datasheet HTML 55Page - Renesas Technology Corp HD404612FS Datasheet HTML 56Page - Renesas Technology Corp HD404612FS Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
HD404618 Series
51
Serial Interface
The MCU has a clock-synchronous serial interface which transmits and receives 8-bit data.
The serial interface consists of a serial data register (SR), serial mode register (SMR), port mode register A
(PMRA), octal counter, and multiplexers (see figure 30). The R0
0/SCK pin and the transmit clock are
controlled by writing to the SMR. The transmit clock shifts the contents of the SR, which can be read and
written to by software.
The serial interface is activated by the STS instruction. The octal counter is reset to 000 by this instruction,
starts counting at the falling edge of the transmit clock (
SCK), and it increments at the rising edge of the
clock. A serial interrupt request flag is set when the eighth transmit clock signal is input (the serial
interface is reset) or when serial transmission is discontinued (the octal counter is reset).
Port mode
register A
(PMRA)
SCK
Selector
System
clock
fcyc/fsub
(tcyc/tsubcyc)
Prescaler S (PSS)
I/O
control
logic
3
Serial mode
register
(SMR)
Clock
Serial data
register (SR)
Serial interrupt
request flag
(IFS)
1/2
SI
SO
Octal
counter (OC)
I/O
control
logic
Transfer
control
signal
Figure 30 Serial Interface Block Diagram
Serial Mode Register (SMR: $005): Four-bit write-only register that controls the R0
0/SCK pin, prescaler
division ratio, and transmit clock source (table 25 and figure 31). Writing to this register initializes the
serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com