Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 29Page - Renesas Technology Corp HD404612FS Datasheet HTML 30Page - Renesas Technology Corp HD404612FS Datasheet HTML 31Page - Renesas Technology Corp HD404612FS Datasheet HTML 32Page - Renesas Technology Corp HD404612FS Datasheet HTML 33Page - Renesas Technology Corp HD404612FS Datasheet HTML 34Page - Renesas Technology Corp HD404612FS Datasheet HTML 35Page - Renesas Technology Corp HD404612FS Datasheet HTML 36Page - Renesas Technology Corp HD404612FS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
HD404618 Series
31
Subactive mode
Interrupt
strobe
Direct transfer
timing
Internal
execution
time
Oscillation
stabilization
time
Active mode
T
t
RC
T: Interrupt frame length
t
: Oscillation stabilization period
RC
STOP/SBY
execution
(LSON = 0, DTON = 1)
(< T)
Figure 15 Direct Transfer Timing
MCU Operating Sequence: The MCU operates in the sequence shown in figures 16 to 18. It is reset by
an asynchronous RESET input, regardless of its state.
The low-power mode operation sequence is shown in figure 18. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY
instruction, make sure all interrupt flags are cleared or all interrupts are masked.
Power on
RESET = 1 ?
Reset
MCU
MCU
operation
cycle
No
Yes
Figure 16 MCU Operating Sequence (power on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com