Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 32Page - Renesas Technology Corp HD404612FS Datasheet HTML 33Page - Renesas Technology Corp HD404612FS Datasheet HTML 34Page - Renesas Technology Corp HD404612FS Datasheet HTML 35Page - Renesas Technology Corp HD404612FS Datasheet HTML 36Page - Renesas Technology Corp HD404612FS Datasheet HTML 37Page - Renesas Technology Corp HD404612FS Datasheet HTML 38Page - Renesas Technology Corp HD404612FS Datasheet HTML 39Page - Renesas Technology Corp HD404612FS Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
HD404618 Series
34
• When the MCU is in watch mode or subactive mode, if the high level period before the falling edge of
INT
0 is shorter than the interrupt frame, INT0 is not detected. Also, if the low level period after the
falling edge of
INT
0 is shorter than the interrupt frame, INT0 is not detected.
Edge detection is shown in figure 19. The level of the
INT
0 signal is sampled by a sampling clock.
When this sampled value changes to low from high, a falling edge is detected.
In figure 20, the level of the
INT
0 signal is sampled by an interrupt frame. In (a) the sampled value is
low at point A, and also low at point B. Therefore, a falling edge is not detected. In (b), the sampled
value is high at point A, and also high at point B. A falling edge is not detected in this case either.
• When the MCU is in watch mode or subactive mode, keep the high level and low level period of INT
0
longer than interrupt frame.
High
Low
INT
Sampling
0
Low
Figure 19 Edge Detection
A: Low
B: Low
INT
Interrupt
frame
0
A: High
B: High
INT
Interrupt
frame
0
(a) High level period
(b) Low level period
Figure 20 Sampling Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com