Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 34Page - Renesas Technology Corp HD404612FS Datasheet HTML 35Page - Renesas Technology Corp HD404612FS Datasheet HTML 36Page - Renesas Technology Corp HD404612FS Datasheet HTML 37Page - Renesas Technology Corp HD404612FS Datasheet HTML 38Page - Renesas Technology Corp HD404612FS Datasheet HTML 39Page - Renesas Technology Corp HD404612FS Datasheet HTML 40Page - Renesas Technology Corp HD404612FS Datasheet HTML 41Page - Renesas Technology Corp HD404612FS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
HD404618 Series
36
Table 18 Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock operation
(OSC
1, OSC 2)
External
oscillator
OSC
Open
1
OSC
2
Ceramic oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
GND
Ceramic oscillator: CSB400P22,
CSB400P (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 220 pF ± 5%
Ceramic oscillator: CSB800J122,
CSB800J(Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 220 pF ± 5%
Crystal oscillator
X1
C1
2
C
X2
Crystal
GND
L
S
C RS
C
0
Crystal: 32.768 kHz: MX38T
(Nippon Denpa Kogyo)
R
s = 14 kΩ
C
0 = 1.5 pF
C
1 = 20 pF ± 20%
C
2 = 20 pF ± 20%
Notes: 1. The circuit constants given above are recommended values provided by the oscillator
manufacturer. Since they may be affected by stray capacitances from the oscillator or board,
consult the crystal or ceramic oscillator manufacturer to determine the actual circuit parameters
required.
2. Wiring between the OSC
1/OSC2 pins (X1, X2 pins) and other elements must be as short as
possible, and must not cross other wiring. Refer to the recommended layout of the crystal and
ceramic oscillator in figure 22.
3. If a 32.768-kHz crystal oscillator is not used, fix the X1 pin to V
CC and leave the X2 pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com