Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404612FS Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 39Page - Renesas Technology Corp HD404612FS Datasheet HTML 40Page - Renesas Technology Corp HD404612FS Datasheet HTML 41Page - Renesas Technology Corp HD404612FS Datasheet HTML 42Page - Renesas Technology Corp HD404612FS Datasheet HTML 43Page - Renesas Technology Corp HD404612FS Datasheet HTML 44Page - Renesas Technology Corp HD404612FS Datasheet HTML 45Page - Renesas Technology Corp HD404612FS Datasheet HTML 46Page - Renesas Technology Corp HD404612FS Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
HD404618 Series
41
Table 20 Programmable I/O Circuits
PMRB Bit 3 (PMRB3)
0
1
DCR
01
01
PDR
0
1010
101
CMOS Buffer
PMOS (A)
—
—
—
On
—
—
—
On
NMOS (B)
—
—
On
—
—
—
On
—
Pull-up MOS Transistor
—
————
On
—On
Notes: 1. —: Off
2. Various I/O methods can be selected by different combinations of settings of the above mode
registers (PMRB3, DCR, PDR).
3. The PMOS (A) transistor of the R1
2/SO pin can be turned off by setting bit 2 of the miscellaneous
register (MIS) to 1.
MIS
Bit 2
R0
2/SO Pin
PMOS (A)
0On
1
Off
4. The relationships between DCRs and pins are as shown below.
DCR
Bit 3
Bit 2
Bit 1
Bit 0
DCR0
R0
3
R0
2
R0
1
R0
0
DCR1
R1
3
R1
2
R1
1
R1
0
DCR2
R2
3
R2
2
R2
1
R2
0
DCR3
R3
3
R3
2
R3
1
R3
0
DCRB
D
3
D
2
D
1
D
0
DCRC
D
7
D
6
D
5
D
4
DCRD
—
—
D
9
D
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com