Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 46Page - Renesas Technology Corp M66596FP Datasheet HTML 47Page - Renesas Technology Corp M66596FP Datasheet HTML 48Page - Renesas Technology Corp M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp M66596FP Datasheet HTML 52Page - Renesas Technology Corp M66596FP Datasheet HTML 53Page - Renesas Technology Corp M66596FP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 50 of 127
3.1.5
USB data bus resistor control
Figure 3.1 shows a diagram of the connections between the controller and the USB connectors.
For the Peripheral mode, the controller has a built-in pull-up resistor for the D+ signal. “1” should be set for the
DPRPU
bit of the SYSCFG register, then the D+ line is pulled up. The pull-up power supply is AFE33V.
For the Host mode, the controller has a built-in pull-down resistor for the D+ and D- signals. “1” should be set for
the DPRPD bit of the SYSCFG register, then the D+ and D- lines are pulled down.
Also, the controller has a built-in terminal resistor for use when the D+ and D- signals are operating at Hi-Speed,
and a built-in output resistor for Full-Speed operation. The controller automatically switches the built-in resistor
after connection with the PC, by means of reset handshake, suspended state and resume detection. If a disconnection
from the PC is detected, the H/W should be initialized by means of an S/W reset (USBE=0).
If “0” is set for the DPRPU bit of the SYSCFG register in the Peripheral mode, the pull-up resistor (or the terminal
resistor) of the USB data line is disabled, making it possible to notify the host controller of the device disconnection.
M66596
VBUS
USB connector
1
3
2
4 GND
D-
D+
Vbus
DM
DP
RERFIN
5.6K
Ω
Impedance control has to be taken into
consideration when designing the D+
and D- lines.
+5V
(at the Host mode)
Figure 3.1 UBS connector connections
3.1.6
Clock supply control
Figure 3.2 shows a block diagram of the controller clock control. Frequency of the input clock for the XIN pin
should be selected using the XTAL bit of the SYSCFG register, while the oscillation buffer is enabled using the XCKE
bit and the clock supply is controlled using the RCKE, PLLC, and SCKE bits. For information on the register control
timing, please refer to 3.1.8, State transition timing.
Auto clock supply
Low-power
control
Input
clock
Oscillation
buffer
XCKE
(bit13)
PLLC, SCKE
(bit11, bit10)
Internal
clock
PLL
Clock control unit
RCKE
(bit12)
Divider
circuit
PCUT
(bit1)
ATCKM
(bit8)
Figure 3.2 Clock control block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com