| Electronic Components Datasheet Search |
|
M66596FP Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 131 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 9 of 127 1.6 Block diagram The controller is consists of an analog front end unit (AFE), a protocol engine unit (Prtcl_Eng) that includes an SIE, a pipe control unit (Pipe_Ctrl), a transaction schedule control unit(Schedule Ctrl), a FIFO port unit (FIFO_Port), a buffer memory unit (Buf_Mem), an interrupt control unit (Int_Ctrl), a bus interface unit (BIU), and a CPU interface register unit (CPU_IF_Reg). Figure 1.4 shows a block diagram of the controller. When data is being sent and received between M66596 and a USB peripheral(or host) controller connected on the USB bus, a buffer memory assigned to each of the pipes is used. Two-way communication is possible by the controller changing data stored in the buffer memory into USB data packets and outputting them to the USB bus using serial output, and by inputting data packets on the USB bus which are then stored in the buffer memory. A6(/ALE), A5-1, D15-7, D6-1(/AD6-1), D0, CS_N, RD_N, WR0_N,WR1_N MPBUS CPU bus interface INT_N, SOF_N CPU_IF_Reg Interrupt / SOF output I/O power supply Core power supply AFE power supply Ground AFE ground VDD VIF AFEA33V, AFED33V AFEA15V, AFED15V AFEA33G,AFED33G AFEA15G,AFED15G DGND USB interface Split bus SD7-0 DP, DM DREQ0_N, DREQ1_N DACK0_N, DACK1_N/DSTB0_N, DEND0_N, DEND1_N DMA interface VBUS monitor VBUS System control RST_N, TEST Reference resistance REFRIN Clock XIN, XOUT Schedule _Ctrl Figure 1.4 Block diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |