Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 56Page - Renesas Technology Corp M66596FP Datasheet HTML 57Page - Renesas Technology Corp M66596FP Datasheet HTML 58Page - Renesas Technology Corp M66596FP Datasheet HTML 59Page - Renesas Technology Corp M66596FP Datasheet HTML 60Page - Renesas Technology Corp M66596FP Datasheet HTML 61Page - Renesas Technology Corp M66596FP Datasheet HTML 62Page - Renesas Technology Corp M66596FP Datasheet HTML 63Page - Renesas Technology Corp M66596FP Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 60 of 127
3.2 Interrupt functions
3.2.1
An overview of interrupt functions
Table 3.7 shows the interrupt functions of the controller.
Table 3.7 Interrupt functions
Bit
Interrupt name
Cause of interrupt
Mode
Related
status
Note
VBINT
VBUS interrupt
When a change in the state of the VBUS input pin has
been detected (change in both edge, ”L”
→”H”, ”H” →”L”)
Host,
Peripheral
VBSTS
3.2.9
RESM
Resume interrupt
When a change in the state of the USB bus has been
detected in the suspended state
(J-State
→K-State or J-State→SE0)
Peripheral
-
3.2.10
SOFR
Frame No.
Refresh interrupt
<Host mode>
When an SOF packet with a different frame number
has been transmited
<Peripheral mode>
When “SOFRM=0” :
When an SOF packet with a different frame number
When “SOFRM=1” :
When the controller detects a corruption of an SOF
packet
Host,
Peripheral
-
3.2.8
DVST
Device State
Transition interrupt
When a device state transition has been detected
USB bus reset detected
Suspend state detected
Set Address request received
Set Configuration request received
Peripheral
DVSQ
3.2.6
CTRT
Control Transfer
Stage Transition
interrupt
When a stage transition has been detected in a control
transmission
Setup stage completed
Control write transfer status stage transition
Control read transfer status stage transition
Control transfer completed
Control transfer sequence error occurred
Peripheral
CTSQ
3.2.7
BEMP
Buffer Empty
interrupt
When transmission of all of the data in the buffer
memory has been completed
When an excessive maximum packet size error has
been detected
Host,
Peripheral
PIPEBE
MP
3.2.5
NRDY
Buffer Not Ready
interrupt
<Host Mode>
When a STALL token received from a peripheral.
When the response from abc is unreceivable(Pachet
ignore).
<Peripheral mode>
When an IN token has been received and there is no
data that can be sent to the buffer memory
When an OUT token has been received and there is
no area in which data can be stored in the buffer
memory, so reception is not possible
When a CRC error or bit stuffing error occurred in
isochronous transfer
Host,
Peripheral
PIPEN
RDY
3.2.4
BRDY
Buffer Ready
interrupt
When the buffer is ready (reading or writing is enabled)
Host,
Peripheral
PIPEB
RDY
3.2.3
BCHG
USB bus change
interrupt
When a USB bus state changes. Please do not enable
interruption during communication (at the time of
"UACT=1" setup). The bus change interruption is
generated whichever it has chosen of Host and
Peripheral mode.
Host,
Peripheral
-
3.2.11
SACK
Setup Transaction
complete
When the ACK packet from peripheral device is received
at the time of sending setup transaction at Host mode.
Host
-
3.2.13
SIGN
Setup Transaction
Error detect
When the ACK packet from peripheral device is not
received at the time of sending setup transaction at Host
mode.
Host
-
3.2.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com