Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 55Page - Renesas Technology Corp M66596FP Datasheet HTML 56Page - Renesas Technology Corp M66596FP Datasheet HTML 57Page - Renesas Technology Corp M66596FP Datasheet HTML 58Page - Renesas Technology Corp M66596FP Datasheet HTML 59Page - Renesas Technology Corp M66596FP Datasheet HTML 60Page - Renesas Technology Corp M66596FP Datasheet HTML 61Page - Renesas Technology Corp M66596FP Datasheet HTML 62Page - Renesas Technology Corp M66596FP Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 59 of 127
3.1.8.6 Starting the internal clock
(From the clock stop state to the normal operating state : with “ATCKM=0”)
The timing diagram from the clock stop state to the normal operation is shown in Figure 3.10. The diagram is in
the case of the auto clock supply function is disabled ("ATCKM=0"). When the auto clock supply function is disabled,
register control is performed by software. Softwear should operate registers according to the following sequence.
(1) The controller detects the resume on a USB bus or attachment of the USB cable, and the INT_N pin is
asserted.
(2) When the resume is detected, the controller automatically enables the oscillation buffer. "XCKE=1(H/W)"
When attachment of USB cable is detected, software enables the oscillation buffer. "XCKE=1(S/W)"
(3) The software waits for oscillation to stabilize. *1)
(The oscillation stabilization time varies depending
on the oscillator.)
(4) The software enables the reference clock suppliance
"RCKE=1", "PLLC=1"
and the PLL operation
(5) The software waits for the PLL to lock.
(A waiting time of at least 8.3 us is necessary.)
(6) The software enables the internal clock suppliance.
"SCKE=1"
(7) Software performs depending on the interrupt factor, resume or attachment.
*1) When it returns with a USB bus reset signal from the suspend state, it is necessary to return to the normal
operation state less than 3ms and the controller start a reset handshake protocol. For this reason, when an
auto clock supply function is disabled, it is necessary to perform a processings to oscillation stability waiting
and clock supply by software within 3ms.
XCKE
Resume :H/W
VBUS chage :S/W
RCKE(H/W)
PLLC(H/W)
SCKE(H/W)
(3)
Clock stop
recovery
INT_N
Event
(1),(2)
(6)
(5) min 8.3us
(4)
Figure 3.10 Recovery control timing from the clock stop state with “ATCKM=0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com