Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 85Page - Renesas Technology Corp M66596FP Datasheet HTML 86Page - Renesas Technology Corp M66596FP Datasheet HTML 87Page - Renesas Technology Corp M66596FP Datasheet HTML 88Page - Renesas Technology Corp M66596FP Datasheet HTML 89Page - Renesas Technology Corp M66596FP Datasheet HTML 90Page - Renesas Technology Corp M66596FP Datasheet HTML 91Page - Renesas Technology Corp M66596FP Datasheet HTML 92Page - Renesas Technology Corp M66596FP Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 89 of 127
3.7 Bulk transfers (PIPE1-5)
The user can select the buffer memory specifications for bulk transfers (single / double buffer setting, or continuous
/ non-continuous transfer mode setting). The maximum size that can be set for the buffer memory is 2 KB. The buffer
memory state is controlled by the controller, with a response sent automatically for a PING packet / NYET
handshake. If “MXPS=0” has been set, the interrupt specifications are different from those of the other pipes. For
detailed information, please refer to 3.3.3 Maximum packet size setting.
3.7.1
PING packet control in the Host mode
Transmission of the PING packet of the OUT direction is automatically sent out by this controller. An initial state
is in a PING packet sending-out state as shown below. An OUT packet is sent out after receiving an ACK handshake.
If NAK or NYET is received, it will return to a PING sending-out state.
Moreover, this control is the same as a data stage and a status stage of control transfer.
1. OUT Data Transmitting Setup
2. PING Packet Transmission
3. ACK Handshake Reception
4. OUT Data Packet Transmission
5. ACK Handshake Reception
6. OUT Data Packet Transmission
:
7. NAK/NYET Handshake Reception
8. PING Packet Transmission
The factors from which this controller returns to transmission of a PING packet are H/W reset, S/W reset,
NYET/NAK handshake reception, the set of a sequence toggle bit, a clearance (SQSET, SQCLR), and a buffer
clearance (ACLRM) setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com