Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M66596FP Datasheet HTML 1Page - Renesas Technology Corp M66596FP Datasheet HTML 2Page - Renesas Technology Corp M66596FP Datasheet HTML 3Page - Renesas Technology Corp M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 2 of 127
1.2.5
Bus interfaces
The user can select either a 1.8 V or 3.3 V bus interface power supply
16-bit CPU bus interface
-
16-bit separate bus and 16-bit multiplex bus supported
-
8 and 16-bit DMA interface (slave function) supported
8-bit split bus (dedicated external DMA interface) supported
Built-in two DMA interface channels
DMA transfer enables high-speed access of 40 MB/sec.
1.2.6
Pipe configuration
Built-in 5 KB buffer memory for USB communication
Up to 8 pipes(endpoints) can be selected (including the default control pipe for endpoint 0)
Programmable pipe configuration
End point numbers can be assigned to pipe 1-7.
Transfer conditions that can be set for each pipes
-
Pipe 0: Control transfer, continuous transfer mode, 256-byte fixed single buffer
-
Pipe 1 and 2: Bulk transfer or isochronous transfer, continuous transfer mode, programmable buffer size
(up to 2 KB; double buffer can be selected)
-
Pipe 3 to 5: Bulk transfer, continuous transfer mode, programmable buffer size
(up to 2 KB; double buffer can be selected)
-
Pipe 6 and 7: Interrupt transfer, 64-byte fixed single buffer
1.2.7
Feature in host mode
Capable of USB Hi-Speed transfer to one peripheral device.
Automatic schedule to send SOF and transaction.
Automatic schedule interval of isochronous trenasfer and interrupt transfer.
1.2.8
Feature in peripheral mode
Control transfer stage control function
Device state control function
Auto response function for SET_ADDRESS request
NAK response assignment function (NRDY)
1.2.9
Other functions
Automatic recognition of Hi-Speed operation or Full-Speed operation based on automatic response to the reset
handshake
Byte endian swap function when using 16-bit data transfers
Transfer termination function when using transaction count function.
DMA transfer termination function using external trigger (DEND pin)
SOF interpolation function
SOF pulse output function
Three types of input clocks can built into the PLL and are available for selection
-
Input clocks of 48 MHz / 24 MHz / 12 MHz can be selected
Zero-Length packet addition function (DEZPM) when ending DMA transfers using the DEND pin
BRDY interrupt event notification timing change function (BFRE)
Function that automatically clears the buffer memory after the data for the pipe specified at the DxFIFO port
has been read (DCLRM)
Function to automatically supply a clock from the low-power sleep state (ATCKM)
NAK setting function for response PID generated by end of transfer (SHTNAK)
1.2.10 Applications
PDA, DVD recorder, Set top box, Digital TV, Printer , USB audio devce, Digital video camera, Digital still camera,
external storage device, and Hi-Speed USB devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com