Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 73Page - Renesas Technology Corp M66596FP Datasheet HTML 74Page - Renesas Technology Corp M66596FP Datasheet HTML 75Page - Renesas Technology Corp M66596FP Datasheet HTML 76Page - Renesas Technology Corp M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp M66596FP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 77 of 127
3.4.1.1 Buffer status
Table 3.12 shows the buffer status. The buffer memory status can be confirmed using the BSTS bit and the
INBUFM
bit. The access direction for the buffer memory can be specified using either the DIR bit of the
PIPExCFG
register or the ISEL bit of the CFIFOSEL register (when DCP is selected). INBUFM is valid for
transmitting direction of PIPE1-5.
For a sending direction pipe uses double buffer, software can refer the BSTS bit to monitor the buffer
memory status of CPU side and the INBUFM bit to monitor the buffer memory status of SIE side. In the case like
the BEMP interrupt may not show bufer empty status because the CPU (DMAC) writes data slowly, software
can use the INBUFM bit to tell the end of sending.
Table 3.12 Buffer statuses by BSTS bit and the BSTS bit
ISEL or DIR
BSTS
Buffer memory state
0 (receiving
direction)
0
There is no received data, or data is being received. Reading from the CPU is
inhibited.
0 (receiving
direction)
1
There is received data, or a Zero-Length packet has been received. Reading from
the CPU is allowed.
However, because reading is not possible when a Zero-Length packet is received,
the buffer must be cleared.
1 (sending
direction)
0
The transmission has not been finished. Writing to the CPU is inhibited.
1 (sending
direction)
1
Writing to the CPU is allowed.
(1) “DBLB=0”(Single buffer) ; The transmission has been finished.
(2) “DBLB=1”(Double buffer) ; The transmission for one side of the buffer has
been finished.
Table 3.13 Buffer statuses by INBUFM bit and the INBUFM bit
ISEL or DIR
INBUF
M
Buffer memory state
0 (receiving
direction)
Invalid
Invalid
1
(sending
direction)
0
The transmission has been finished. There is no transmitting data.
1 (sending
direction)
1
There is transmitting data.
3.4.1.2 Buffer clearing
Table 3.14 shows the clearing of the buffer memory by the controller. The buffer memory can be cleared using
the four bits indicated below.
Table 3.14 Buffer clearing
Bit name
BCLR
SCLR
DCLRM
ACLRM
Register
CFIFOCTR register
DxFIFOCTR register
CFIFOSIE register
DxFIFOSEL register
PIPExCTR register
Function
Clears the buffer
memory on the CPU
side
Clears the buffer
memory on the SIE
side
In this mode, after the
data of the specified
pipe has been read,
the buffer memory is
cleared automatically.
See 3.4.3.5
This is the Auto Buffer
Clear mode, in which all
of the received packets
are destroyed.
See 3.4.1.4
Clearing
method
Cleared by writing “1”
Cleared by writing “1”
“1”: Mode valid
“0”: Mode invalid
“1”: Mode valid
“0”: Mode invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com