Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 48Page - Renesas Technology Corp M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp M66596FP Datasheet HTML 52Page - Renesas Technology Corp M66596FP Datasheet HTML 53Page - Renesas Technology Corp M66596FP Datasheet HTML 54Page - Renesas Technology Corp M66596FP Datasheet HTML 55Page - Renesas Technology Corp M66596FP Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 52 of 127
3.1.7.2 Overview of Clock stop state
This controller is equipped with the setting function of the low power consumption state by clock stop as well as
M66291, M66591, and M66592. Software is transplantable for this controller from M66291, M66591, and M66592 by
fewer changes.
In the states where the controller is not communicating such as suspend and a not connect state, low power
consumption by clock stop is realized. Correspondence of the state of the controller and the value of a SYSCFG
register is shown in Table 3.4. The transitions in the controller state is shown in Figure 3.4.For the timing at which
the transitions between the various states take place, and the register control timing, please refer to 3.1.8.
Moreover, when you use the low power consumption state by clock stop, please use the auto clock supply function
("ATCKM=1").
Table 3.4 Correspondence betweek the controller state and SYSCFG register value
Controller state
Values of the various SYSCFG register bits
Explanation
H/W reset
XTAL=00,XCKE=0,RCKE=0,PLLC=0,SCKE=0,ATK
CM=0,HSE=0,DPRPU=0,FSRPC=0,PCUT=0,USB
E=0
Normal operating state
XTAL=xx *1),XCKE=1,RCKE=1,PLLC=x
*1),SCKE=1,ATCKM=1,HSE=x
*1),DPRPD=x*1),DPRPU=x*1),FSRPC=x,PCUT=0,
USBE=1
In this state, the clock is supplied to
the controller, and USB
communication is enabled.
Clock stop state
XTAL=xx
*1),XCKE=0,RCKE=0,PLLC=0,SCKE=0,ATCKM=1
,HSE= x
*1),DPRPD=x*1),DPRPU=x*1),FSRPC=x*1),PCUT
=0,USBE=1
In this state, USB communication is
not carried out, such as when
communication is suspended or a
cable is disconnected.
*1) x indicates that the value is set by the user is retained.
H/W reset
Clock stop
Normal operating
state
Suspend,
Detached
Resume,
Attached
Default setting,
Attached
Figure 3.4 Controller state transitions(Clock stop mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com