Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 47Page - Texas Instruments AFE5804 Datasheet HTML 48Page - Texas Instruments AFE5804 Datasheet HTML 49Page - Texas Instruments AFE5804 Datasheet HTML 50Page - Texas Instruments AFE5804 Datasheet HTML 51Page - Texas Instruments AFE5804 Datasheet HTML 52Page - Texas Instruments AFE5804 Datasheet HTML 53Page - Texas Instruments AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
OVERLOAD RECOVERY
LNA
Cable
Probe
Transducer
From
Pulser
-5V
+5V
AFE5804
3kW
C
2
³
m
0.1 F
C
1
3kW
R
T
BAS40
0.1 F
m
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
are largely determined by the biasing current of the
diodes, which can be set by adjusting the 3k
The AFE5804 is designed in particular for ultrasound
resistor values; for example, setting a higher current
applications where the front-end device is required to
level may lead to an improved switching characteristic
recover very quickly from an overload condition. Such
and reduced noise contribution. A typical front-end
an overload can either be the result of a transmit
protection circuitry may add in the order of 2nV/
√Hz
pulse feed-through or a strong echo, which can cause
of noise to the signal path. The increase in noise also
overload of the LNA, PGA, and ADC. As discussed
depends on the value of the termination resistor (RT).
earlier, the LNA inputs are internally protected by a
pair
of
back-to-back
diodes
to
prevent
severe
As Figure 100 shows, the front-end circuitry should
overload of the LNA. Figure 100 illustrates an
be capacitively coupled to the LNA signal input (IN).
ultrasound receive channel front-end that includes
This coupling ensures that the LNA input bias voltage
typical external overload protection elements. Here,
of +2.4V is maintained and decoupled from any other
four high-voltage switching diodes are configured in a
biasing voltage before the LNA.
bridge configuration and form the transmit/receive
Within the AFE5804, overload can occur in either the
(T/R) switch. During the transmit period, high voltage
LNA or the PGA. LNA overload can occur as the
pulses from the pulser are applied to the transducer
result of T/R switch feed-through; and the PGA can
elements and the T/R switch isolates the sensitive
be driven into an overload condition by a strong echo
LNA input from being damaged by the high voltage
in the near-field while the signal gain is high. In any
signal. However, it is common that fast transients up
case, the AFE5804 is optimized for very short
to several volts leak through the T/R switch and
recovery times, as shown in Figure 100.
potentially
overload
the
receiver.
Therefore,
an
additional pair of clamping diodes is placed between
the T/R switch and the LNA input. In order to clamp
the over-voltage to small levels, Schottky diodes
(such as the BAS40 series by Infineon®) are
commonly used. For example, clamping to levels of
±0.3V can significantly reduce the overall overload
recovery performance. The T/R switch characteristics
Figure 100. Typical Input Overload Protection Circuit of an Ultrasound System
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com