Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments AFE5804 Datasheet HTML 35Page - Texas Instruments AFE5804 Datasheet HTML 36Page - Texas Instruments AFE5804 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
DESCRIPTION OF SERIAL REGISTERS
SOFTWARE RESET
VCA Reset
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
00
X
S_RST
Software reset is applied when the RST bit is set to '1'; setting this bit resets all internal registers and self-clears
to '0'.
Table 3. VCA Register Information
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RES_V
03
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
1
(1)
1
(1)
16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
17
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
VCA
VCA
VCA
VCA
VCA
VCA
VCA
VCA
18
D39
D38
D37
D36
D35
D34
D33
D32
(1)
Bits D0 and D1 of register 16 are forced to '1'.
space
• VCA_SCLK and VCA_SDATA become active only when one of the registers 16, 17 or 18 (address in hex) of
the AFE5804 are written into.
• The contents of all three registers (total 40 bits) are written on VCA_SDATA even if only one of the above
registers is written to. This condition is only valid if the content of the register has changed because of the
most recent write. Writing contents that are the same as existing contents does not trigger activity on
VCA_SDATA.
• For example, if register 17 is written to after a RESET is applied, then the contents of register 17 as well as
the default values of the bits in registers 16 and 18 are written to VCA_SDATA.
• If register 16 is then written to, then the new contents of register 16, the previously written contents of register
17, and the default contents of register 18 are written to VCA_SDATA. Note that regardless of what is written
to D0 and D1 of register 16, the respective outputs on VCA_SDATA are always ‘1’.
• Alternatively, all three registers (16, 17 and 18) can also be written within one write cycle of the ADC serial
interface. In that case, there would be 48 consecutive SCLK edges within the same CS active window.
• VCA_SCLK is generated using an oscillator (running at approximately 6MHz) inside the AFE5804, but the
oscillator is gated so that it is active only during the write operation of the 40 VCA bits.
• VCA_CS should be permanently connected to the RST-input.
• When VCA_CS goes high (either because of an active low pulse on ADC_RESET for more than 10ns or as a
result or setting bit RES_VCA), the following functions are performed inside the AFE5804:
Bits D0 and D1 of register 16 are forced to ‘1’
All other bits in registers 16, 17 and 18 are RESET to the respective default values (‘0’ for all bits except
D5 of register 16 which is set to a default of ‘1’).
No activity on signals VCA_SCLK and VCA_SDATA.
• If bit RES_VCA has been set to ‘1’, then the state machine is in the RESET state until RES_VCA is set to ‘0’.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com