Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 52Page - Texas Instruments AFE5804 Datasheet HTML 53Page - Texas Instruments AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments AFE5804 Datasheet HTML 59Page - Texas Instruments AFE5804 Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
POWER SUPPLIES
GROUNDING AND BYPASSING
AFE5804
SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
Table 19. State of Reference Voltages for Various Combinations of PD and INT/EXT
REGISTER BIT
INTERNAL BUFFER STATE
PD
0
0
1
1
0
0
1
1
INT/EXT
0
1
0
1
0
1
0
1
EXT_REF_VCM
0
0
0
0
1
1
1
1
REFT buffer
3-state
2.5V
3-state
2.5V(1)
1.5V + VCM/1.5V
Do not use
2.5V(1)
Do not use
REFB buffer
3-state
0.5V
3-state
0.5V(1)
1.5V – VCM/1.5V
Do not use
0.5V(1)
Do not use
VCM pin
1.5V
1.5V
1.5V
1.5V
Force
Do not use
Force
Do not use
(1)
Weakly forced with reduced strength.
All bypassing and power supplies for the AFE5804
should be referenced to this analog ground plane. All
supply pins should be bypassed with 0.1
µF ceramic
The AFE5804 operates on three supply rails: a digital
chip capacitors (size 0603 or smaller). In order to
1.8V supply, and the 3.3V and 5V analog supplies. At
minimize
the
lead
and
trace
inductance,
the
initial power-up, the part is operational in TGC mode,
capacitors should be located as close to the supply
with
the
registers
in
the
respective
default
pins as possible. Where double-sided component
configurations (see Table 2).
mounting is allowed, these capacitors are best placed
In TGC mode, only the VCA (attenuator) draws a low
directly under the package. In addition, larger bipolar
current (typically 7mA) from the 5V supply. Switching
decoupling capacitors (2.2
µF to 10µF, effective at
into the CW mode, the internal V/I-amplifiers are then
lower frequencies) may also be used on the main
powered from the 5V rail as well, raising the
supply pins. These components can be placed on the
operating current on the 5V rail. At the same time, the
PCB in proximity (< 0.5in or 12.7mm) to the AFE5804
post-gain amplifiers (PGA) are being powered down,
itself.
thereby reducing the current consumption on the 3.3V
The AFE5804 internally generates a number of
rail (refer to the Electrical Characteristics table for
reference voltages, such as the bias voltages (VB1
details on TGC mode and CW mode current
through VB6). Note that in order to achieve optimal
consumption).
low-noise
performance,
the
VB1
pin
must
be
All analog supply rails for the AFE5804 should be low
bypassed with a capacitor value of at least 1
µF; the
noise, including the 3.3V digital supply DVDD that
recommended value for this bypass capacitor is
connects to the internal logic blocks of the VCA within
2.2
µF. All other designed reference pins can be
the AFE5804. It is recommended to tie the DVDD
bypassed with smaller capacitor values, typically
pins to the same 3.3V analog supply as the AVDD1/2
0.1
µF. For best results choose low-inductance
pins, rather than a different 3.3V rail that may also
ceramic chip capacitors (size 402) and place them as
provide power to other logic device in the system.
close as possible to the device pins as possible.
Transients and noise generated by those devices can
High-speed mixed signal devices are sensitive to
couple into the AFE5804 and degrade overall device
various types of noise coupling. One primary source
performance.
of noise is the switching noise from the serializer and
the output buffer/drivers. For the AFE5804, care has
been taken to ensure that the interaction between the
The AFE5804 distinguishes between three different
analog and digital supplies within the device is kept to
grounds: AVSS1 and AVSS2 (analog grounds), and
a minimal amount. The extent of noise coupled and
LVSS (digital ground). In most cases, it should be
transmitted from the digital and analog sections
adequate to lay out the printed circuit board (PCB) to
depends on the effective inductances of each of the
use a single ground plane for the AFE5804. Care
supply and ground connections. Smaller effective
should be taken that this ground plane is properly
inductance of the supply and ground pins leads to
partitioned
between
various
sections
within
the
improved noise suppression. For this reason, multiple
system to minimize interactions between analog and
pins are used to connect each supply and ground
digital
circuitry.
Alternatively,
the
digital
(LVDS)
sets. It is important to maintain low inductance
supply set consisting of the LVDD and LVSS pins can
properties throughout the design of the PCB layout by
be placed on separate power and ground planes. For
use of proper planes and layer thickness.
this configuration, the AVSS and LVSS grounds
should be tied together at the power connector in a
star layout.
56
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com