Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments AFE5804 Datasheet HTML 15Page - Texas Instruments AFE5804 Datasheet HTML 16Page - Texas Instruments AFE5804 Datasheet HTML 17Page - Texas Instruments AFE5804 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
TYPICAL CHARACTERISTICS
50
40
30
20
10
0
10
-
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA= 25dB
PGA= 20dB
PGA= 27dB
TGCIMode
LowNoise
0
3
6
9
12
15
18
-
-
-
-
-
-
0
3
30
Frequency(MHz)
6
9
12
15
18
21
24
27
0
3
6
9
12
15
18
-
-
-
-
-
-
1.0
5.5
30.0
Frequency(MHz)
10.0
14.5
19.0
23.5
28.0
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA= 20dB
Frequency=2MHz
TGCIMode,LowNoise
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
Frequency=5MHz
TGCIMode,LowNoise
PGA= 30dB
PGA= 20dB
350
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA= 20dB
Frequency=2MHz
TGCIIMode,LowNoise
AFE5804
SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
µF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
GAIN vs VCNTL AT 5MHz
12.5MHz FILTER RESPONSE
Figure 1.
Figure 2.
17MHz FILTER RESPONSE
OUTPUT-REFERRED NOISE vs VCNTL
Figure 3.
Figure 4.
OUTPUT-REFERRED NOISE vs VCNTL
OUTPUT-REFERRED NOISE vs VCNTL
Figure 5.
Figure 6.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com