Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 83Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 84Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 85Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 86Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 87Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 88Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 89Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 90Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 51 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.1
Registers
5.1.1
Processor Mode Register 0 (PM0)
Set the PRC1 bit in the PRCR register to 1 (write enabled) before rewriting the PM0 register.
5.1.2
Reset Source Determination Register (RSTFR)
Notes:
1. The CWR bit is set to 0 (cold start-up) after power-on, voltage monitor 0 reset, or exit from power-off mode. This
bit remains unchanged at a hardware reset, software reset, or watchdog timer reset.
2. When 1 is written to the CWR bit by a program, it is set to 1. (Writing 0 does not affect this bit.)
3. When the VW0C0 bit in the VW0C register is set to 0 (voltage monitor 0 reset disabled), the CWR bit value is
undefined.
4. A hardware reset or an exit from power-off mode is detected.
Address 0004h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
——
PM03
———
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
—
Reserved bits
Set to 0.
R/W
b1
—
b2
—
b3
PM03
Software reset bit
Setting this bit to 1 resets the MCU. When read, the
content is 0.
R/W
b4
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b5
—
b6
—
b7
—
Address 000Bh
Bit
b7b6b5
b4b3b2
b1b0
Symbol
—
—
—
—
WDR
SWR
HWR
CWR
After Reset
X
X
X
X
0
0
X
X
(Note 1)
Bit
Symbol
Bit Name
Function
R/W
b0
CWR
Cold start-up/warm start-up
determine flag (2, 3)
0: Cold start-up
1: Warm start-up
R/W
b1
HWR
Hardware reset detect flag (4)
0: Not detected
1: Detected
R
b2
SWR
Software reset detect flag
0: Not detected
1: Detected
R
b3
WDR
Watchdog timer reset detect flag
0: Not detected
1: Detected
R
b4
—
Reserved bits
When read, the content is undefined.
R
b5
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com