Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 95Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 96Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 97Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 98Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 99Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 100Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 101Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 102Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 63 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Figure 6.4
Block Diagram of Voltage Monitor 2 Interrupt Generation Circuit
+
-
1/2
1/2
1/2
Voltage detection 2 circuit
VCA27
VCA13
When VCA27 bit is set to 0 (disabled),
voltage detection 2 signal is driven high.
Voltage
detection 2
signal
fOCO-S
VW2F1 to VW2F0
= 00b
= 01b
= 10b
= 11b
VW2C2 bit is set to 0 (not detected) by writing 0 by a program.
When VCA27 bit is set to 0 (voltage detection 2 circuit disabled),
VW2C2 bit is set to 0.
VW2C2
VW2C3
Watchdog timer block
Watchdog timer underflow signal
VW2C3 bit is set to 0 (not detected)
by writing 0 by a program.
COMPSEL
IRQ2SEL
Maskable
interrupt signal
Non-maskable
interrupt signal
Voltage monitor 2
interrupt signal
Watchdog timer
interrupt signal
Comparator A2
interrupt signal
Voltage monitor 2 interrupt generation circuit
VW2C0 to VW2C3, VW2F0, VW2F1, VW2C6, VW2C7: Bits in VW2C
VCA13: Bit in VCA1 register
VCA23, VCA24, VCA27: Bits in VCA2 register
COMPSEL, IRQ2SEL: Bits in CMPA register
VCAC2: Bit in VCAC register
LVCMP2
VCA24 = 1
VCA24 = 0
VCC
VW2C1 = 0
VW2C1 = 1
Digital filter
Edge
selection
circuit
VW2C0
Internal reference voltage
VCA23 = 0
VCAC2
VW2C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com