Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 88Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 89Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 90Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 91Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 92Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 93Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 94Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 95Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 56 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.3
Power-On Reset Function
When the RESET pin is connected to the VCC pin via a pull-up resistor, and the VCC pin voltage level rises while
the rise gradient is trth or more, the power-on reset function is enabled and the pins, CPU, and SFRs are reset.
When a capacitor is connected to the RESET pin, too, always keep the voltage to the RESET pin 0.8 VCC or
above.
When the input voltage to the VCC pin reaches the Vdet0 level or above, the low-speed on-chip oscillator clock
starts counting. When the low-speed on-chip oscillator clock count reaches 32, the internal reset signal is held high
and the MCU enters the reset sequence (refer to Figure 5.3). The low-speed on-chip oscillator clock with no
division is automatically selected as the CPU clock after reset.
Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after power-on reset.
After power-on reset, voltage monitor 0 reset is enabled when the LVDAS bit in the OFS register is set to 0
(voltage monitor 0 reset enabled after reset).
Figure 5.6 shows an Example of Power-On Reset Circuit and Operation.
Figure 5.6
Example of Power-On Reset Circuit and Operation
RESET
VCC
4.7 k
Ω
(reference)
Notes:
1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit.
Refer to 6. Voltage Detection Circuit for details.
2. Refer to 36. Electrical Characteristics.
3. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in
the OFS register to 0, bits VW0C0 and VW0C6 in the VW0C register to 1 individually, and
the VCA25 bit in the VCA2 register to 1.
Vdet0
Vpor1
Internal
reset signal
(low valid)
tw(por1)
Vccmin
External
Power VCC
trth
trth
1
fOCO-S
× 32
1
fOCO-S
× 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com