Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 28Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 29Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 30Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 31Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 32Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 33Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 848 page
background image
B - 3
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
241
0101h
Timer RA I/O Control Register
TRAIOC
241, 244,
247, 249,
251, 254
0102h
Timer RA Mode Register
TRAMR
242
0103h
Timer RA Prescaler Register
TRAPRE
242
0104h
Timer RA Register
TRA
243
0105h
LIN Control Register 2
LINCR2
629
0106h
LIN Control Register
LINCR
630
0107h
LIN Status Register
LINST
630
0108h
Timer RB Control Register
TRBCR
258
0109h
Timer RB One-Shot Control Register
TRBOCR
258
010Ah
Timer RB I/O Control Register
TRBIOC
259, 262,
266, 269,
273
010Bh
Timer RB Mode Register
TRBMR
259
010Ch
Timer RB Prescaler Register
TRBPRE
260
010Dh
Timer RB Secondary Register
TRBSC
260
010Eh
Timer RB Primary Register
TRBPR
261
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Timer RE
Counter Data Register
TRESEC
447, 454
0119h
Timer RE Minute Data Register / Timer RE
Compare Data Register
TREMIN
447, 454
011Ah
Timer RE Hour Data Register
TREHR
448
011Bh
Timer RE Day of Week Data Register
TREWK
448
011Ch
Timer RE Control Register 1
TRECR1
449, 455
011Dh
Timer RE Control Register 2
TRECR2
450, 455
011Eh
Timer RE Count Source Select Register
TRECSR
451, 456
011Fh
0120h
Timer RC Mode Register
TRCMR
281
0121h
Timer RC Control Register 1
TRCCR1
282, 304,
312, 318
0122h
Timer RC Interrupt Enable Register
TRCIER
282
0123h
Timer RC Status Register
TRCSR
283
0124h
Timer RC I/O Control Register 0
TRCIOR0
284, 299,
305
0125h
Timer RC I/O Control Register 1
TRCIOR1
284, 300,
306
0126h
Timer RC Counter
TRC
285
0127h
0128h
Timer RC General Register A
TRCGRA
285
0129h
012Ah
Timer RC General Register B
TRCGRB
285
012Bh
012Ch
Timer RC General Register C
TRCGRC
285
012Dh
012Eh
Timer RC General Register D
TRCGRD
285
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
286, 313, 319
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
286, 319
0132h
Timer RC Output Master Enable Register
TRCOER
287
0133h
Timer RC Trigger Control Register
TRCADCR
287
0134h
0135h
Timer RD Control Expansion Register
TRDECR
335, 352, 373,
390, 404, 421
0136h
Timer RD Trigger Control Register
TRDADCR
352, 373, 390,
422
0137h
Timer RD Start Register
TRDSTR
336, 353, 374,
391, 406, 423
0138h
Timer RD Mode Register
TRDMR
336, 354, 374,
391, 406, 423
0139h
Timer RD PWM Mode Register
TRDPMR
337, 354, 375
013Ah
Timer RD Function Control Register
TRDFCR
337, 355, 375,
392, 407, 424
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
356, 376, 393,
408, 425
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
356, 376, 393,
408, 425
013Dh
Timer RD Output Control Register
TRDOCR
357, 377, 426
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
338
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
338
0140h
Timer RD Control Register 0
TRDCR0
339, 358, 377,
394, 409, 427
0141h
Timer RD I/O Control Register A0
TRDIORA0
340, 359
0142h
Timer RD I/O Control Register C0
TRDIORC0
341, 360
0143h
Timer RD Status Register 0
TRDSR0
342, 361, 378,
395, 410, 428
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
343, 362, 379,
396, 411, 429
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
379
0146h
Timer RD Counter 0
TRD0
343, 362, 380,
396, 411, 429
0147h
0148h
Timer RD General Register A0
TRDGRA0
344, 363, 381,
397, 412, 430
0149h
014Ah
Timer RD General Register B0
TRDGRB0
344, 363, 381,
397, 412, 430
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
344, 363, 381,
397, 430
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
344, 363, 381,
397, 412, 430
014Fh
0150h
Timer RD Control Register 1
TRDCR1
339, 358, 377,
409
0151h
Timer RD I/O Control Register A1
TRDIORA1
340, 359
0152h
Timer RD I/O Control Register C1
TRDIORC1
341, 360
0153h
Timer RD Status Register 1
TRDSR1
342, 361, 378,
395, 410, 428
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
343, 362, 379,
396, 411, 429
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
379
0156h
Timer RD Counter 1
TRD1
343, 362, 380,
412
0157h
0158h
Timer RD General Register A1
TRDGRA1
344, 363, 381,
397, 412, 430
0159h
015Ah
Timer RD General Register B1
TRDGRB1
344, 363, 381,
397, 412, 430
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
344, 363, 381,
397, 412, 430
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
344, 363, 381,
397, 412, 430
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com