Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 89Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 90Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 91Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 92Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 93Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 94Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 95Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 96Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 57 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.4
Voltage Monitor 0 Reset
A reset is applied using the on-chip voltage detection 0 circuit. The voltage detection 0 circuit monitors the input
voltage to the VCC pin. The voltage to monitor is Vdet0. The Vdet0 voltage detection level can be changed by the
settings of bits VDSEL0 and VDSEL1 in the OFS register.
When the input voltage to the VCC pin reaches the Vdet0 level or below, the pins, CPU, and SFRs are reset.
When the input voltage to the VCC pin reaches the Vdet0 level or above, the low-speed on-chip oscillator clock
starts counting. When the low-speed on-chip oscillator clock count reaches 32, the internal reset signal is held high
and the MCU enters the reset sequence (refer to Figure 5.3). The low-speed on-chip oscillator clock with no
division is automatically selected as the CPU clock after a reset.
The LVDAS bit in the OFS register can be used to select whether voltage monitor 0 reset is enabled or disabled
after a reset. The setting of the LVDAS bit is enabled at all resets.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to
0, bits VW0C0 and VW0C6 bits in the VW0C register to 1 individually, and the VCA25 bit in the VCA2 register to
1.
Bits VDSEL0 to VDSEL1 and LVDAS cannot be changed by a program. To set these bits, write values to b4 to b6
of address 0FFFFh using a flash programmer.
Refer to 5.1.3 Option Function Select Register (OFS) for details of the OFS register.
Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after voltage monitor 0 reset.
The internal RAM is not reset. When the input voltage to the VCC pin reaches the Vdet0 level or below while
writing to the internal RAM is in progress, the contents of internal RAM are undefined.
Refer to 6. Voltage Detection Circuit for details of voltage monitor 0 reset.
Figure 5.7 shows an Example of Voltage Monitor 0 Reset Circuit and Operation.
Figure 5.7
Example of Voltage Monitor 0 Reset Circuit and Operation
RESET
VCC
4.7 k
Ω
(reference)
VCC
Vccmin
Internal reset signal
(low valid)
Sampling time (1, 2)
tw(Vdet0)
1
fOCO-S
× 32
Vdet0
Vpor1
Notes:
1. When using the voltage monitor 0 digital filter, ensure that the voltage is within the MCU operation
voltage range (1.8 V or above) during the sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit for details.
3. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit.
Refer to 6. Voltage Detection Circuit for details.
4. Refer to 36. Electrical Characteristics.
5. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in
the OFS register to 0, bits VW0C0 and VW0C6 in the VW0C register to 1 individually, and
the VCA25 bit in the VCA2 register to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com