Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 127Page - Renesas Technology Corp 7220 Datasheet HTML 128Page - Renesas Technology Corp 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp 7220 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 303 page
background image
3-3
7220 Group User’s Manual
ELECTRICAL CHARACTERISTICS
3.1 Electrical characteristics
Recommended operating conditions (Ta = –10 °C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Notes 1: The total current that flows out of the IC must be 20 mA (max.).
2: The total input current to IC (IOL1 + IOL2 + IOL3) must be 30 mA or less.
3: The total average input current for ports P24–P27 to IC must be 20 mA or less.
4: Connect 0.1
µF or more capacitor externally across the power source pins VCC–VSS so as to
reduce power source noise. Also connect 0.1
µF or more capacitor externally across the pins
VCC–CNVSS.
5: Use a quartz-crystal oscillator or a ceramic resonator for the CPU oscillation circuit.
Min.
4.5
0
0.8VCC
0.7VCC
0
0
0
7.9
5.0
Typ.
5.0
0
8.0
Max.
5.5
0
VCC
VCC
0.4VCC
0.3VCC
0.2VCC
1
2
6
1
10
8.1
8.0
100
1
400
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
MHz
MHz
kHz
MHz
kHz
Unit
Parameter
Symbol
VCC
VSS
VIH1
VIH2
VIL1
VIL2
VIL3
IOH
IOL1
IOL2
IOL3
IOL4
f(XIN)
fCRT
fhs1
fhs2
fhs3
Power source voltage (Note 4), During CPU, CRT operation
Power source voltage
HIGH input voltage
P00–P07,P10–P17, P20–P27,
P30–P34, SIN, SCLK, HSYNC,
VSYNC, RESET, XIN, OSC1,
TIM2, TIM3, INT1, INT2, INT3
HIGH input voltage
SCL1, SCL2, SDA1, SDA2
(When using I2C-BUS)
LOW input voltage
P00–P07,P10–P17, P20–P27,
P30–P34
LOW input voltage
SCL1, SCL2, SDA1, SDA2
(When using I2C-BUS)
LOW input voltage
HSYNC, VSYNC, RESET, TIM2,
TIM3, INT1, INT2, INT3, XIN,
OSC1, SIN, SCLK
HIGH average output current (Note 1)
R, G, B, OUT1, D-A,
P10–P17, P20–P27, P30, P31
LOW average output current (Note 2)
R, G, B, OUT1, D-A, P06, P07,
P10, P15–P17, P20–P27, P30–
P32
LOW average output current (Note 2)
P11–P14
LOW average output current (Note 2)
P00–P05
LOW average output current (Note 3)
P24–P27
Oscillation frequency (for CPU operation) (Note 5) XIN
Oscillation frequency (for CRT display) (Note 5)
OSC1
Input frequency
TIM2, TIM3
Input frequency
SCLK
Input frequency
SCL1, SCL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com