Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 128Page - Renesas Technology Corp 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp 7220 Datasheet HTML 135Page - Renesas Technology Corp 7220 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 303 page
background image
3-4
7220 Group User’s Manual
ELECTRICAL CHARACTERISTICS
3.1 Electrical characteristics
VCC = 5.5 V,
f(XIN) = 8 MHz
VCC = 5.5 V, f(XIN) = 0
VCC = 4.5 V
IOH = –0.5 mA
VCC = 4.5 V
IOL = 0.5 mA
VCC = 4.5 V
IOL = 3 mA
IOL = 6 mA
VCC = 4.5 V
IOL = 10.0 mA
VCC = 5.0 V
VCC = 5.0 V
VCC = 5.5 V
VI = 5.5 V
VCC = 5.5 V
VI = 0 V
VCC = 5.5 V
VO = 12 V
VCC = 4.5 V
Power source current
HIGH output voltage R, G, B, OUT1, D-A,
P10–P17, P20–P27,
P30, P31
LOW output voltage R, G, B, OUT1, D-A,
P00–P07, P10,
P15–P17, P20–P23,
P30–P32
LOW output voltage P11–P14
LOW output voltage P24–P27
Hysteresis
RESET
Hysteresis (Note)
HSYNC, VSYNC, TIM2,
TIM3, INT1, INT2,
INT3, SCL1, SCL2,
SDA1, SDA2, SIN,
SCLK
HIGH input leak current RESET, P00–P07,
P10–P17, P20–P27,
P30–P34, HSYNC,
VSYNC
LOW input leak current
RESET, P00–P07,
P10–P17, P20–P27,
P30–P34, HSYNC,
VSYNC
HIGH output leak current P00–P05
I2C-BUS·BUS switch connection resistor
(between SCL1 and SCL2, SDA1 and SDA2)
Electric characteristics (VCC = 5 V ± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
Note: P06, P07, P15, P23 and P24 have the hysteresis when these pins are used as interrupt input pins or
timer input pins. P20–P22 have the hysteresis when these pins are used as serial I/O pins. P11–P14
have the hysteresis when these pins are used as multi-master I2C-BUS interface pins.
Symbol
ICC
VOH
VOL
VT+–VT–
IIZH
IIZL
IOZH
RBS
System operation
Stop mode
Parameter
Test conditions
CRT OFF
CRT ON
Max.
40
60
300
0.4
0.4
0.6
3.0
0.7
1.3
5
5
10
130
Min.
2.4
Typ.
20
30
0.5
0.5
Limits
mA
µA
V
V
V
µA
µA
µA
W
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com