Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 198Page - Renesas Technology Corp 7220 Datasheet HTML 199Page - Renesas Technology Corp 7220 Datasheet HTML 200Page - Renesas Technology Corp 7220 Datasheet HTML 201Page - Renesas Technology Corp 7220 Datasheet HTML 202Page - Renesas Technology Corp 7220 Datasheet HTML 203Page - Renesas Technology Corp 7220 Datasheet HTML 204Page - Renesas Technology Corp 7220 Datasheet HTML 205Page - Renesas Technology Corp 7220 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 303 page
background image
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-29
(2)
Read processing routine
Fig. 5.5.5 Flowchart of read processing routine
“WRITEDATA”
←Slave address (W) “A0 16”
“F_ACK” = “0”?
Data output
Data output
Yes (ACK)
Ž

“NO ACK COUNTER” = “0”
START condition
“WRITEDATA”
←Sub-address
“F_ACK” = “0”?
Yes (ACK)
No (no ACK)
No (no ACK)
Œ
Read start
RAM:
Flag:
WRITEDATA
NO ACK COUNTER
READ DATA COUNTER
F_ACK
S
Slave address
(W) “A016”
A
C
K
Sub-address
A
C
K
Data
N
A
C
K
P
Œ
Ž


R
S
Slave address
(R) “A116”
‘’
A
C
K
To M52340SP ?
(See note 2)
No (to other devices (cf. E 2PROM))
Yes (sub-address is not necessary at reading)
End
’
“READ DATA
COUNTER” = “0”?
Yes (end)
No (not yet)
Return NACK
STOP condition
Return ACK
“READ DATA COUNTER”
←“READ DATA COUNTER” – 1
Data input
‘
“
“NO ACK COUNTER”
←“NO ACK COUNTER” + 1
STOP condition
“NO ACK COUNTER”
≥ “3”?
Yes (give up)
No (try 3 times)
Data output

START condition

“WRITEDATA”
←Slave address (R) “A1 16”
“F_ACK” = “0”?
Yes (ACK)
No (no ACK)
“
Bus H
Notes 1: NACK = No ACK
Branches according to whether the
device needs sub-address or not.
(See note 1)
2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com