Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 202Page - Renesas Technology Corp 7220 Datasheet HTML 203Page - Renesas Technology Corp 7220 Datasheet HTML 204Page - Renesas Technology Corp 7220 Datasheet HTML 205Page - Renesas Technology Corp 7220 Datasheet HTML 206Page - Renesas Technology Corp 7220 Datasheet HTML 207Page - Renesas Technology Corp 7220 Datasheet HTML 208Page - Renesas Technology Corp 7220 Datasheet HTML 209Page - Renesas Technology Corp 7220 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 303 page
background image
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-33
(8)
Return ACK processing routine
Fig. 5.5.11 Flowchart of return ACK processing routine
(9)
Return NACK processing routine
Fig. 5.5.12 Flowchart of return NACK processing routine
Return ACK
Bit 0 of port P2 direction register
= “output mode”
P20 (SDA) = “0”
Wait 6
µs
P21 (SCL) = “1”
Wait 6
µs
P21 (SCL) = “0”
RETURN
Return NACK
Bit 0 of port P2 direction register
= “output mode”
P20 (SDA) = “1”
Wait 6
µs
P21 (SCL) = “1”
Wait 6
µs
P21 (SCL) = “0”
RETURN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com